Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD0801PB Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

ESD0801PB Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # ESD0801PB
Download  ESD0801PB Download
File Size   1071.95 Kbytes
Page   4 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description TVS/ESD Protection Diode

ESD0801PB Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD0801PB Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # ESD0801PB
Download  ESD0801PB Click to download

File Size   1071.95 Kbytes
Page   4 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description TVS/ESD Protection Diode

ESD0801PB Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD


ESD0801PB Product details

Description
15pF, ESD0801PB is designed to protect ESD0801PB is a low-capacitance Transient Voltage Suppressor (TVS) designed to provide electrostatic discharge (ESD) protection for data, control or power line. With maximum capacitance of parasitic-sensitive systems against over-voltage and over-current transient events. It complies with IEC 61000-4-2 (ESD), Level 4 (±15kV air, ±8kV contact discharge), IEC 61000-4-4 (electrical fast transient - EFT) (40A, 5/50 ns), very fast charged device model (CDM) ESD and cable discharge event (CDE), etc.

Features
● Transient protection for high-speed data lines
   IEC 61000-4-2 (ESD) ±15kV (Air)
                                       ±8kV (Contact)
   IEC 61000-4-4 (EFT) 40A (5/50 ns)
   Cable Discharge Event (CDE)
● Package optimized for high-speed lines
● Ultra-small package (1.0mm0.6mm0.4mm)
● Protects one data, control or power line
● Low capacitance
● Low leakage current
● Low clamping voltage
● Each I/O pin can withstand over 1000 ESD
   strikes for ±8kV contact discharge

Applications
● Portable Electronics
● Desktops, Servers and Notebooks
● Cellular Phones
● MP3 Ports
● Digital Ports
● Subscriber Identity Module (SIM) card




Similar Part No. - ESD0801PB

ManufacturerPart #DatasheetDescription
logo
celduc-relais
ESD08000 CELDUC-ESD08000 Datasheet
50Kb / 1P
Socket for 8 SP/ST relay
ESD08000 CELDUC-ESD08000 Datasheet
130Kb / 1P
Socket for 8 SP/ST relay
ESD08000 CELDUC-ESD08000_1 Datasheet
130Kb / 1P
Socket for 8 SP/ST relay
More results


Similar Description - ESD0801PB

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
TEP0801LC RECTRON-TEP0801LC Datasheet
168Kb / 5P
Low Capacitance TVS/ESD Protection Diode
TEP81302LC RECTRON-TEP81302LC Datasheet
723Kb / 6P
Low Capacitance TVS/ESD Protection Diode
TEP10P5V8D RECTRON-TEP10P5V8D Datasheet
958Kb / 5P
TVS/ESD Protection Diode
TEP0501CL RECTRON-TEP0501CL Datasheet
180Kb / 4P
TVS/ESD Protection Diode
TEP0501M RECTRON-TEP0501M Datasheet
181Kb / 4P
TVS/ESD Protection Diode
TEP0801PB RECTRON-TEP0801PB Datasheet
665Kb / 6P
TVS/ESD Protection Diode
TEP0801PBLC RECTRON-TEP0801PBLC Datasheet
509Kb / 6P
TVS/ESD Protection Diode
TEP0801PBLCV RECTRON-TEP0801PBLCV Datasheet
352Kb / 5P
TVS/ESD Protection Diode
TEP0801PBV RECTRON-TEP0801PBV Datasheet
240Kb / 6P
TVS/ESD Protection Diode
TEP2401QM RECTRON-TEP2401QM Datasheet
167Kb / 5P
Low Capacitance TVS/ESD Protection Diode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com