Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OM9371 Datasheet (PDF) - International Rectifier

OM9371 Datasheet PDF - International Rectifier
Part # OM9371
Download  OM9371 Download
File Size   142.15 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack

OM9371 Datasheet (PDF)

Go To PDF Page Download Datasheet
OM9371 Datasheet PDF - International Rectifier

Part # OM9371
Download  OM9371 Click to download

File Size   142.15 Kbytes
Page   12 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description 25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack

OM9371 Datasheet (HTML) - International Rectifier


OM9371 Product details

DESCRIPTION

The OM9371 is one of a series of versatile, integrated three-phase brushless DC motor controller/driver subsystems housed in a 43 pin power flatpack. The OM9371 is best used as a two quadrant speed controller for controlling/driving fans, pumps, and motors in applications which require small size. Many integral control features provide the user much flexibility in adapting the OM9371 to specific system requirements.



FEATURES

• Fully integrated 3-Phase Brushless DC Motor Control Subsystem

includes power stage, non-isolated driver stage, and controller stage

• MOSFET Output Stage

• 25A Average Phase Current with 48V Maximum Bus Voltage

• Internal Precision Current Sense Resistor (6W max. dissipation)

• Speed and Direction Control of Motor

• Brake Input for Dynamic Braking of Motor

• Overvoltage/Coast Input for Shutdown of All Power Switches

• Soft Start for Safe Motor Starting

• Unique Hermetic or Plastic Ring Frame Power Flatpacks

   • Hermetic (3.10" x 2.10" x 0.385")

   • Plastic Ring Frame (4.13" x 2.00" x 0.49")



APPLICATIONS

• Fans and Pumps

• Hoists

• Actuator Systems




Similar Part No. - OM9371

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM9373 IRF-OM9373 Datasheet
150Kb / 14P
FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
OM9373SF IRF-OM9373SF Datasheet
150Kb / 14P
FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
OM9373SP IRF-OM9373SP Datasheet
150Kb / 14P
FULL-FEATURED POWER MODULE FOR DIRECT DRIVE OF 3-PHASE BRUSHLESS DC MOTOR
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
More results


Similar Description - OM9371

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
3-Phase Brushless DC Motor Controller
05-Apr-99
logo
Aeroflex Circuit Techno...
ACT5026 AEROFLEX-ACT5026 Datasheet
53Kb / 2P
ACT5026 10 AMP 3-PHASE BRUSHLESS DC MOTOR CONTROLLER
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
List of Unclassifed Man...
OM9375 ETC1-OM9375 Datasheet
141Kb / 12P
25 Amp. Push-Pull 3-Phase Brushless DC Motor Controller/Driver Module in a Power Flatpack
logo
Sensitron
SMC6MXX-XX SENSITRON-SMC6MXX-XX Datasheet
164Kb / 15P
Brushless DC Motor Driver Module in a Power Flatpack 80-200V, 50 Amp
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
3-Phase Brushless DC Motor Controller
21-Jun-04
logo
Sensitron
SMC6M40-10 SENSITRON-SMC6M40-10 Datasheet
164Kb / 16P
Brushless DC Motor Driver Module in a Power Flatpack 100-250V, 40 Amp
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
3-Phase Brushless DC Motor Controller
21-Jun-04
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com