Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PZT65 Datasheet (PDF) - ON Semiconductor

PZT65 Datasheet PDF - ON Semiconductor
Part # PZT65
Download  PZT65 Download
File Size   101.21 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT

PZT65 Datasheet (PDF)

Go To PDF Page Download Datasheet
PZT65 Datasheet PDF - ON Semiconductor

Part # PZT65
Download  PZT65 Click to download

File Size   101.21 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description HIGH CURRENT NPN SILICON TRANSISTOR SURFACE MOUNT

PZT65 Datasheet (HTML) - ON Semiconductor


PZT65 Product details

NPN Silicon Planar Epitaxial Transistor

This NPN Silicon Epitaxial transistor is designed for use in industrial and consumer applications. The device is housed in the SOT–223 package which is designed for medium power surface mount applications.

• High Current: 2.0 Amp
• The SOT–223 package can be soldered using wave or reflow.
• SOT–223 package ensures level mounting, resulting in improved thermal
   conduction, and allows visual inspection of soldered joints. The formed
   leads absorb thermal stress during soldering, eliminating the possibility
   of damage to the die.
• Available in 12 mm Tape and Reel
   Use PZT651T1 to order the 7 inch/1000 unit reel
   Use PZT651T3 to order the 13 inch/4000 unit reel
• PNP Complement is PZT751T1




Similar Part No. - PZT65

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PZT651 ONSEMI-PZT651 Datasheet
107Kb / 4P
NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 8
PZT651T1G ONSEMI-PZT651T1G Datasheet
136Kb / 4P
NPN Silicon Planar Epitaxial Transistor
October, 2010 -- Rev. 7
PZT651T1G ONSEMI-PZT651T1G Datasheet
107Kb / 4P
NPN Silicon Planar Epitaxial Transistor
August, 2013 ??Rev. 8
PZT651T1G ONSEMI-PZT651T1G Datasheet
64Kb / 4P
NPN Silicon Planar Epitaxial Transistor
December, 2016 ??Rev. 10
PZT651 ONSEMI-PZT651_16 Datasheet
64Kb / 4P
NPN Silicon Planar Epitaxial Transistor
December, 2016 ??Rev. 10
More results


Similar Description - PZT65

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT5551HC CENTRAL-CXT5551HC Datasheet
121Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT853 CENTRAL-CZT853 Datasheet
92Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC Datasheet
127Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_10 Datasheet
512Kb / 2P
SURFACE MOUNT HIGH CURRENT SILICON NPN TRANSISTOR
CXT853 CENTRAL-CXT853_10 Datasheet
291Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CXT5551HC CENTRAL-CXT5551HC_10 Datasheet
289Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT853 CENTRAL-CZT853_10 Datasheet
535Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CMLT5551HC CENTRAL-CMLT5551HC_15 Datasheet
441Kb / 3P
SURFACE MOUNT SILICON HIGH CURRENT NPN TRANSISTOR
CMPT5551HC CENTRAL-CMPT5551HC_15 Datasheet
327Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
CZT5551HC CENTRAL-CZT5551HC_15 Datasheet
533Kb / 2P
SURFACE MOUNT HIGH CURRENT NPN SILICON TRANSISTOR
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com