Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALD1701BDA Datasheet (PDF) - Advanced Linear Devices

ALD1701BDA Datasheet PDF - Advanced Linear Devices
Part # ALD1701BDA
Download  ALD1701BDA Download
File Size   47.06 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER

ALD1701BDA Datasheet (PDF)

Go To PDF Page Download Datasheet
ALD1701BDA Datasheet PDF - Advanced Linear Devices

Part # ALD1701BDA
Download  ALD1701BDA Click to download

File Size   47.06 Kbytes
Page   6 Pages
Manufacturer  ALD [Advanced Linear Devices]
Direct Link  http://www.aldinc.com
Logo ALD - Advanced Linear Devices
Description MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER

ALD1701BDA Datasheet (HTML) - Advanced Linear Devices


ALD1701BDA Product details

GENERAL DESCRIPTION
The ALD1701A/ALD1701B/ALD1701/ALD1701G is a monolithic CMOS micropower high slew rate operational amplifier intended for a broad range of analog applications using ±1V to ±5V dual power supply systems, as well as +2V to +10V battery operated systems. All device characteristics are specified for +5V single supply or ±2.5V dual supply systems. Supply current is 250µA maximum at 5V supply voltage. It is manufactured with Advanced Linear Devices enhanced ACMOS silicon gate CMOS process.

FEATURES
• All parameters specified for +5V single supply or ±2.5V dual supply systems
• Rail to rail input and output voltage ranges
• No frequency compensation required -- unity gain stable
• Extremely low input bias currents -- 1.0pA typical (30pA max.)
• Ideal for high source impedance applications
• Dual power supply ±1.0V to ±5.0V operation
• Single power supply +2.0V to +10.0V operation
• High voltage gain -- typically 100V/mV @ ±2.5V(100dB)
• Drive as low as 10KΩ load
• Output short circuit protected
• Unity gain bandwidth of 0.7MHz
• Slew rate of 0.7V/µs
• Low power dissipation
• Suitable for rugged, temperature-extreme environments

APPLICATIONS
• Voltage amplifier
• Voltage follower/buffer
• Charge integrator
• Photodiode amplifier
• Data acquisition systems
• High performance portable instruments
• Signal conditioning circuits
• Sensor and transducer amplifiers
• Low leakage amplifiers
• Active filters
• Sample/Hold amplifier
• Picoammeter
• Current to voltage converter




Similar Part No. - ALD1701BDA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1701BDA ALD-ALD1701BDA Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701BDA ADL-ALD1701BDA Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results


Similar Description - ALD1701BDA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD1706A ALD-ALD1706A Datasheet
44Kb / 6P
ULTRA MICROPOWER RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701 Datasheet
74Kb / 6P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4706A ALD-ALD4706A Datasheet
66Kb / 6P
QUAD ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD1706A ALD-ALD1706A_10 Datasheet
82Kb / 9P
ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2701 ALD-ALD2701_10 Datasheet
84Kb / 9P
DUAL MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD2711 ALD-ALD2711_11 Datasheet
85Kb / 9P
DUAL MICROPOWER PRECISION RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4701 ALD-ALD4701_10 Datasheet
86Kb / 9P
QUAD MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1701A ADL-ALD1701A Datasheet
80Kb / 9P
MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
ALD1706A ADL-ALD1706A Datasheet
77Kb / 9P
ULTRA MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
More results




About Advanced Linear Devices


Advanced Linear Devices (ALD) is a semiconductor company that specializes in designing and manufacturing precision analog integrated circuits (ICs) and related products. The company was founded in 1985 and is based in Sunnyvale, California, USA.

ALD's products are used in a wide range of applications, including industrial automation, medical devices, automotive electronics, and telecommunications. Some of the company's key products include voltage references, operational amplifiers, and analog switches.

One of ALD's main areas of expertise is in the design and manufacture of MOSFETs (metal-oxide-semiconductor field-effect transistors) and JFETs (junction field-effect transistors) that are used in precision analog circuits. ALD's MOSFETs and JFETs are known for their low noise, low drift, high precision, and high reliability.

Overall, ALD has a reputation for producing high-quality analog ICs that are well-suited to demanding applications where accuracy, stability, and low power consumption are critical.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com