Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3798 Datasheet (PDF) - Analog Devices

LT3798 Datasheet PDF - Analog Devices
Part # LT3798
Download  LT3798 Download
File Size   1391.5 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch

LT3798 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT3798 Datasheet PDF - Analog Devices

Part # LT3798
Download  LT3798 Click to download

File Size   1391.5 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch

LT3798 Datasheet (HTML) - Analog Devices


LT3798 Product details

DESCRIPTION
The LT®8300 is a micropower high voltage isolated flyback converter. By sampling the isolated output voltage directly from the primary-side flyback waveform, the part requires no third winding or opto-isolator for regulation. The output voltage is programmed with a single external resistor. Internal compensation and soft-start further reduce external component count. Boundary mode operation provides a small magnetic solution with excellent load regulation. Low ripple Burst Mode operation maintains high efficiency at light load while minimizing the output voltage ripple. A 260mA, 150V DMOS power switch is integrated along with all high voltage circuitry and control logic into a 5-lead ThinSOT™ package.

FEATURES
■ 6V to 100V Input Voltage Range
■ 260mA, 150V Internal DMOS Power Switch
■ Low Quiescent Current
   ■ 70µA in Sleep Mode
   ■ 330µA in Active Mode
■ Boundary Mode Operation at Heavy Load
■ Low-Ripple Burst Mode® Operation at Light Load
■ Minimum Load <0.5% (Typ) of Full Output
■ VOUT Set with a Single External Resistor
■ No Transformer Third Winding or Opto-Isolator Required for Regulation
■ Accurate EN/UVLO Threshold and Hysteresis
■ Internal Compensation and Soft-Start
■ 5-Lead TSOT-23 Package
■ AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
■ Isolated Telecom, Automotive, Industrial, Medical Power Supplies
■ Isolated Auxiliary/Housekeeping Power Supplies




Similar Part No. - LT3798

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3798 LINER-LT3798 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT3798 LINER-LT3798 Datasheet
257Kb / 20P
Isolated No Opto-Coupler Flyback Controller
LT3798 LINER-LT3798 Datasheet
423Kb / 24P
Wide Input Voltage Range Boost/SEPIC/Inverting Converter with 6A, 40V Switch
logo
Analog Devices
LT3798 AD-LT3798 Datasheet
2Mb / 52P
Active Clamp Synchronous Forward Controllers with Internal Housekeeping Controller
06/19-REV.C
LT3798 AD-LT3798 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
More results


Similar Description - LT3798

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8300 LINER-LT8300 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8300 LINER-LT8300_15 Datasheet
313Kb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/260mA Switch
LT8301 LINER-LT8301_15 Datasheet
269Kb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
LT8302 LINER-LT8302_15 Datasheet
420Kb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
LT8303 LINER-LT8303 Datasheet
1Mb / 24P
100VIN Micropower Isolated Flyback Converter with 150V/450mA Switch
LT8301 LINER-LT8301 Datasheet
440Kb / 6P
42VIN Micropower Isolated Flyback Converter with 65V/1.2A Switch
LT8304 LINER-LT8304 Datasheet
343Kb / 6P
Micropower No-Opto Isolated Flyback Converter with 150V/2A Switch
logo
Analog Devices
LT8301 AD-LT8301 Datasheet
1Mb / 24P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/1.2A Switch
05/20-REV.B
LT8302 AD-LT8302 Datasheet
1Mb / 26P
42VIN Micropower No-Opto Isolated Flyback Converter with 65V/3.6A Switch
04/20-REV.G
ADPL54203 AD-ADPL54203 Datasheet
925Kb / 34P
40VIN Micropower No-Opto Isolated Flyback Converter with 60V/3.4A Switch
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com