Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DL500 Datasheet (PDF) - Electronic devices inc.

DL500 Datasheet PDF - Electronic devices inc.
Part # DL500
Download  DL500 Download
File Size   37.59 Kbytes
Page   2 Pages
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.
Description FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS

DL500 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL500 Datasheet PDF - Electronic devices inc.

Part # DL500
Download  DL500 Click to download

File Size   37.59 Kbytes
Page   2 Pages
Manufacturer  EDI [Electronic devices inc.]
Direct Link  http://www.edidiodes.com
Logo EDI - Electronic devices inc.
Description FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS

DL500 Datasheet (HTML) - Electronic devices inc.


DL500 Product details

• SMALL SIZE MOLDED PACKAGE

• PRV 3,000 TO 12,000 VOLTS

• 1.0 INCH MIN. LEADS

• LOW LEAKAGE



 




Similar Part No. - DL500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DL50 ETC2-DL50 Datasheet
92Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
logo
AVAGO TECHNOLOGIES LIMI...
DL50 AVAGO-DL50 Datasheet
56Kb / 4P
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
logo
AG Electronica
DL50-1X1W-CW-ED-45 AGELECTRONICA-DL50-1X1W-CW-ED-45 Datasheet
165Kb / 1P
LAMPARA DE LED 1X1W BLANCO FRIO 127V PARA EMPOTRAR
28/MAYO/2010
logo
List of Unclassifed Man...
DL50-F0 ETC2-DL50-F0 Datasheet
92Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
DL50-F1 ETC2-DL50-F1 Datasheet
92Kb / 2P
MINI THROUGH BEAM SENSOR with separate amplifier
More results


Similar Description - DL500

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
DD300 SEMTECH-DD300 Datasheet
93Kb / 2P
FAST RECOVERY HIGH VOLTAGE SILICON RECTIFIERS
logo
Fuji Electric
CS57-04A FUJI-CS57-04A Datasheet
32Kb / 2P
Fast Recovery High Voltage Silicon Rectifiers
logo
First Components Intern...
FR02 FCI-FR02 Datasheet
93Kb / 2P
HIGH VOLTAGE, FAST RECOVERY MINIATURE PLASTIC RECTIFIERS
logo
Electronic devices inc.
DR300 EDI-DR300 Datasheet
45Kb / 2P
FAST RECOVERY HIGH VOLTAGE 25mA MINIATURE SILICON RECTIFIERS
RVF EDI-RVF Datasheet
45Kb / 2P
FAST RECOVERY - HIGH VOLTAGE HIGH CURRENT SILICON RECTIFIERS
SR300 EDI-SR300 Datasheet
44Kb / 2P
FAST RECOVERY,100ns. HIGH VOLTAGE 25ma,MINIATURE SILICON RECTIFIERS
logo
Edal Industries, Inc.
BR757 EDAL-BR757 Datasheet
55Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BS757 EDAL-BS757 Datasheet
55Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BT757 EDAL-BT757 Datasheet
50Kb / 1P
SUB-MINIATURE SILICON HIGH VOLTAGE FAST RECOVERY RECTIFIER
BU757 EDAL-BU757 Datasheet
50Kb / 1P
SUB- MINIATURE SILICON HIGH VOLTAGE ULTRA FAST RECOVERY RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com