Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDD26 Datasheet (PDF) - IXYS Corporation

MDD26 Datasheet PDF - IXYS Corporation
Part # MDD26
Download  MDD26 Download
File Size   127.12 Kbytes
Page   3 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Diode Modules

MDD26 Datasheet (PDF)

Go To PDF Page Download Datasheet
MDD26 Datasheet PDF - IXYS Corporation

Part # MDD26
Download  MDD26 Click to download

File Size   127.12 Kbytes
Page   3 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description Diode Modules

MDD26 Datasheet (HTML) - IXYS Corporation


MDD26 Product details

IFRMS = 2x 60 A

IFAVM = 2x 36 A

VRRM = 800-1800 V



Features

● International standard package JEDEC TO-240 AA

● Direct copper bonded Al2O3 -ceramic base plate

● Planar passivated chips

● Isolation voltage 3600 V~

● UL registered, E 72873



Applications

● Supplies for DC power equipment

● DC supply for PWM inverter

● Field supply for DC motors

● Battery DC power supplies




Similar Part No. - MDD26

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MDD26-08N1B IXYS-MDD26-08N1B Datasheet
448Kb / 6P
Standard Rectifier Module
MDD26-12N1B IXYS-MDD26-12N1B Datasheet
448Kb / 6P
Standard Rectifier Module
MDD26-14N1B IXYS-MDD26-14N1B Datasheet
448Kb / 6P
Standard Rectifier Module
MDD26-16N1B IXYS-MDD26-16N1B Datasheet
448Kb / 6P
Standard Rectifier Module
MDD26-18N1B IXYS-MDD26-18N1B Datasheet
448Kb / 6P
Standard Rectifier Module
More results


Similar Description - MDD26

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD253 SIRECTIFIER-STD253 Datasheet
264Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD181 SIRECTIFIER-STD181 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD165 SIRECTIFIER-STD165 Datasheet
484Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD116 SIRECTIFIER-STD116 Datasheet
500Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD70 SIRECTIFIER-STD70 Datasheet
486Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
STD27 SIRECTIFIER-STD27 Datasheet
478Kb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
Thyristor-Diode Modules, Diode-Thyristor Modules
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com