Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC648NDR Datasheet (PDF) - Mallory Sonalert Products Inc

SC648NDR Datasheet PDF - Mallory Sonalert Products Inc
Part # SC648NDR
Download  SC648NDR Download
File Size   53.06 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Voltage Rating 12 to 48 VDC

SC648NDR Datasheet (PDF)

Go To PDF Page Download Datasheet
SC648NDR Datasheet PDF - Mallory Sonalert Products Inc

Part # SC648NDR
Download  SC648NDR Click to download

File Size   53.06 Kbytes
Page   1 Pages
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc
Description Voltage Rating 12 to 48 VDC

SC648NDR Datasheet (HTML) - Mallory Sonalert Products Inc




Similar Part No. - SC648NDR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SC648ADJR MSPI-SC648ADJR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VAC/DC
SC648ADPR MSPI-SC648ADPR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VAC/DC
SC648ADR MSPI-SC648ADR Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VAC/DC
SC648AER MSPI-SC648AER Datasheet
52Kb / 1P
Voltage Rating 10 to 48 VAC/DC
SC648AHR MSPI-SC648AHR Datasheet
52Kb / 1P
Sales Outline Drawing
More results


Similar Description - SC648NDR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
SCE048LD3DP2B MSPI-SCE048LD3DP2B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048LD3ED5B MSPI-SCE048LD3ED5B Datasheet
54Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048LD3PS1B MSPI-SCE048LD3PS1B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048LD3SV1B MSPI-SCE048LD3SV1B Datasheet
54Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048MD3DT8B MSPI-SCE048MD3DT8B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048MD3SP1B MSPI-SCE048MD3SP1B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048MD3SS1B MSPI-SCE048MD3SS1B Datasheet
54Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048MD3SU1B MSPI-SCE048MD3SU1B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
SCE048SD3SD5B MSPI-SCE048SD3SD5B Datasheet
55Kb / 1P
Voltage Rating 28 to 48 VDC
STA32264A MSPI-STA32264A Datasheet
99Kb / 1P
Voltage Rating 12 to 48 Vdc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com