Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC4M Datasheet (PDF) - ON Semiconductor

MAC4M Datasheet PDF - ON Semiconductor
Part # MAC4M
Download  MAC4M Download
File Size   115.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TRIACS, Silicon Bidirectional Thyristors

MAC4M Datasheet (PDF)

Go To PDF Page Download Datasheet
MAC4M Datasheet PDF - ON Semiconductor

Part # MAC4M
Download  MAC4M Click to download

File Size   115.49 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description TRIACS, Silicon Bidirectional Thyristors

MAC4M Datasheet (HTML) - ON Semiconductor


MAC4M Product details

Designed for high performance full-wave ac control applications where high noise immunity and high commutating di/dt are required.

• Blocking Voltage to 800 Volts
• On-State Current Rating of 4.0 Amperes RMS at 100°C
• Uniform Gate Trigger Currents in Three Modes
• High Immunity to dv/dt — 500 V/µs minimum at 125°C
• Minimizes Snubber Networks for Protection
• High Surge Current Capability – 40 Amperes
• Industry Standard TO-220AB Package
• High Commutating di/dt — 6.0 A/ms minimum at 125°C
• Operational in Three Quadrants: Q1, Q2, and Q3
• Device Marking: Logo, Device Type, e.g., MAC4M, Date Code




Similar Part No. - MAC4M

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MAC4M KERSEMI-MAC4M Datasheet
418Kb / 6P
Silicon Bidirectional Thyristors
More results


Similar Description - MAC4M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAC224A ONSEMI-MAC224A Datasheet
53Kb / 8P
Triacs Silicon Bidirectional Thyristors
February, 2000 ??Rev. 1
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA08-600CW3G ONSEMI-BTA08-600CW3G Datasheet
137Kb / 6P
Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com