Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9325F Datasheet (PDF) - Toshiba Semiconductor

TC9325F Datasheet PDF - Toshiba Semiconductor
Part # TC9325F
Download  TC9325F Download
File Size   1802.09 Kbytes
Page   101 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Single-Chip DTS Microcontroller (DTS-20)

TC9325F Datasheet (PDF)

Go To PDF Page Download Datasheet
TC9325F Datasheet PDF - Toshiba Semiconductor

Part # TC9325F
Download  TC9325F Click to download

File Size   1802.09 Kbytes
Page   101 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Single-Chip DTS Microcontroller (DTS-20)

TC9325F Datasheet (HTML) - Toshiba Semiconductor


TC9325F Product details

Features
■ CMOS DTS microcontroller LSI with built-in 230 MHz prescaler, PLL, and LCD driver
■ Operating voltage: PLL operating: VDD = 3.0 to 3.6 V (typ. 3.3 V) PLL off: VDD = 3.0 to 3.6 V (when CPU only operating)
■ Crystal oscillator frequency: 4.5 MHz, 75 kHz
■ Current dissipation: PLL operating: IDD = 3.5 mA (typ.) (crystal oscillator frequency 4.5 MHz, VHF mode) PLL off: IDD = 1 mA (typ.) (crystal oscillator frequency 4.5 MHz, CPU only operating) PLL off: IDD = 0.25 mA (typ.) (crystal oscillator frequency 75 kHz, CPU only operating)
■ Operating temperature range: Ta = ï40 to 85°C
■ Program memory (ROM): 16 bits × 16,384 steps
■ Data memory (RAM): 4 bits × 1,024 words
■ Instruction execution time: 1.78 µs (crystal oscillator frequency 4.5 MHz) 40 µs (crystal oscillator frequency 75 kHz)
■ Stack levels: 16
■ General-purpose IF counter: 20-bit (CMOS input supported)
■ AD converter: 8 bits × 8 channels
■ LCD driver: 1/4, 1/3, 1/2 duty, 1/2, 1/3 bias modes selectable, 136 segments maximum
■ I/O ports: CMOS I/O ports: 40 Output-only ports: Up to 31, input-only ports: Up to 5
■ Timer-counter: 8-bit (as timer clock: INTR1, INTR2, instruction cycle, or 1 kHz selectable)
■ Pulse counter: 8-bit up/down counter (input from INTR2 pin)
■ Buzzer: 0.625 to 3 kHz (8 settings) Four modes: Continuous, Single-Shot, 10-Hz Intermittent, 10-Hz Intermittent at 1-Hz Intervals
■ Interrupts: 2 external, 4 internal (three types of serial interface, 8-bit timer)




Similar Part No. - TC9325F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9320F TOSHIBA-TC9320F Datasheet
631Kb / 15P
TOSHIBA CMOS DIGITAL INTERGRATED CIRCUIT SILICON MONOLITHIC
19-Jun-2001
TC9320F-001 TOSHIBA-TC9320F-001 Datasheet
151Kb / 4P
DDTS-1:DIGITAL TUNER SYSTEM
24-Jun-1997
TC9321 TOSHIBA-TC9321 Datasheet
3Mb / 48P
SINGLE CHIP DTS MICROCONTROLLER
07-Apr-1997
TC9321F TOSHIBA-TC9321F Datasheet
3Mb / 48P
SINGLE CHIP DTS MICROCONTROLLER
07-Apr-1997
TC9321F-003 TOSHIBA-TC9321F-003 Datasheet
207Kb / 4P
DIGITAL TUNING SYSTEM
25-Jun-1997
More results


Similar Description - TC9325F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
SINGLE-CHIP DTS MICROCONTROLLER
07-Apr-1997
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
SINGLE CHIP DTS MICROCONTROLLER
07-Apr-1997
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
SINGLE CHIP DTS MICROCONTROLLER
15-May-1998
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
SINGLE CHIP DTS MICROCONTROLLER
19-Jun-2007
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
SINGLE CHIP DTS MICROCONTROLLER
19-Jun-2001
TC9324F TOSHIBA-TC9324F Datasheet
1Mb / 101P
Single-Chip DTS Microcontroller (DTS-20)
TC93P24FG TOSHIBA-TC93P24FG Datasheet
241Kb / 15P
Single-Chip DTS Microcontroller (DTS-20)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
Single Chip DTS Microcontroller (DTS-21)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
Single-Chip DTS Microcontroller (DTS-21)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com