Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74AC04 Datasheet (PDF) - Integral Corp.

IN74AC04 Datasheet PDF - Integral Corp.
Part # IN74AC04
Download  IN74AC04 Download
File Size   97.76 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Hex Inverter High-Speed Silicon-Gate CMOS

IN74AC04 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74AC04 Datasheet PDF - Integral Corp.

Part # IN74AC04
Download  IN74AC04 Click to download

File Size   97.76 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Hex Inverter High-Speed Silicon-Gate CMOS

IN74AC04 Datasheet (HTML) - Integral Corp.


IN74AC04 Product details

Hex Inverter High-Speed Silicon-Gate CMOS

The IN74AC04 is identical in pinout to the LS/ALS04, HC/HCT04. The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALS outputs.

• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• High Noise Immunity Characteristic of CMOS Devices
• Outputs Source/Sink 24 mA




Similar Part No. - IN74AC04

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74AC00 INTEGRAL-IN74AC00 Datasheet
101Kb / 4P
Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
IN74AC02 INTEGRAL-IN74AC02 Datasheet
110Kb / 4P
Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
IN74AC02D INTEGRAL-IN74AC02D Datasheet
110Kb / 4P
Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
IN74AC02N INTEGRAL-IN74AC02N Datasheet
110Kb / 4P
Quad 2-Input NOR Gate High-Speed Silicon-Gate CMOS
IN74AC08 INTEGRAL-IN74AC08 Datasheet
102Kb / 4P
Quad 2-Input AND Gate High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74AC04

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT04 SLS-SL74HCT04 Datasheet
33Kb / 4P
Hex Inverter(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HCT04A INTEGRAL-IN74HCT04A Datasheet
70Kb / 4P
Hex Inverter High-Performance Silicon-Gate CMOS
IN74HC04A INTEGRAL-IN74HC04A Datasheet
70Kb / 4P
Hex Inverter High-Performance Silicon-Gate CMOS
IN74AC14 INTEGRAL-IN74AC14 Datasheet
83Kb / 4P
Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74AC04 KODENSHI-KK74AC04 Datasheet
218Kb / 5P
Hex Inverter High-Speed Silicon-Gate CMOS
KK74AC14 KODENSHI-KK74AC14 Datasheet
524Kb / 5P
Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
KK74ACT04 KODENSHI-KK74ACT04 Datasheet
216Kb / 5P
Hex Inverter High-Speed Silicon-Gate CMOS
KK74ACT14 KODENSHI-KK74ACT14 Datasheet
489Kb / 5P
Hex Schmitt-Trigger Inverter High-Speed Silicon-Gate CMOS
KK74HC04A KODENSHI-KK74HC04A Datasheet
251Kb / 5P
Hex Inverter High-Performance Silicon-Gate CMOS
KK4069UB KODENSHI-KK4069UB Datasheet
216Kb / 5P
Hex Inverter High-Voltage Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com