Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74HC4046A Datasheet (PDF) - Integral Corp.

IN74HC4046A Datasheet PDF - Integral Corp.
Part # IN74HC4046A
Download  IN74HC4046A Download
File Size   241.66 Kbytes
Page   11 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description PHASE-LOCKED LOOP

IN74HC4046A Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74HC4046A Datasheet PDF - Integral Corp.

Part # IN74HC4046A
Download  IN74HC4046A Click to download

File Size   241.66 Kbytes
Page   11 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description PHASE-LOCKED LOOP

IN74HC4046A Datasheet (HTML) - Integral Corp.


IN74HC4046A Product details

The device inputs are compatible with standard CMOS outputs; with pullup resistors, they are compatible with LS/ALSTTL outputs.
The IN74HC4046A phase-locked loop contains three phase comparators, a voltage-controlled oscillator (VCO) and unity gain opamp DEMOUT. The comparators have two common signal inputs, COMPIN, and SIGIN. Input SIGIN and COMPIN can be used directly coupled to large voltage signals, or indirectly coupled (with a series capacitor to small voltage signals). The self-bias circuit adjusts small voltage signals in the linear region of the amplifier.
Applications include FM and FSK modulation and demodulation, frequency synthesis and multiplication, frequency discrimination, tone decoding, data synchronization and conditioning, voltage-to-frequency conversion and motor speed control.

• Low Power Consumption Characteristic of CMOS Device
• Operating Speeds Similary to LS/ALSTTL
• Wide Operating Voltage Range: 3.0 to 6.0 V
• Low Input Current: 1.0 µA Maximum (except SIGIN and COMPIN)
• Low Quiescent Current: 80 µA Maximum (VCO disabled)
• High Noise Immunity Characteristic of CMOS Devices
• Diode Protection on all Inputs




Similar Part No. - IN74HC4046A

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74HC4046A IKSEMICON-IN74HC4046A Datasheet
264Kb / 12P
Phase-Locked Loop High-Performance Silicon-Gate CMOS
IN74HC4046AD IKSEMICON-IN74HC4046AD Datasheet
264Kb / 12P
Phase-Locked Loop High-Performance Silicon-Gate CMOS
IN74HC4046AN IKSEMICON-IN74HC4046AN Datasheet
264Kb / 12P
Phase-Locked Loop High-Performance Silicon-Gate CMOS
More results


Similar Description - IN74HC4046A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
PHASE LOCKED LOOP
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
PSA5000A ZCOMM-PSA5000A Datasheet
75Kb / 2P
PHASE LOCKED LOOP
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com