Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT04 Datasheet (PDF) - Integral Corp.

IN74ACT04 Datasheet PDF - Integral Corp.
Part # IN74ACT04
Download  IN74ACT04 Download
File Size   137.23 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description HEX INVERTER

IN74ACT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT04 Datasheet PDF - Integral Corp.

Part # IN74ACT04
Download  IN74ACT04 Click to download

File Size   137.23 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description HEX INVERTER

IN74ACT04 Datasheet (HTML) - Integral Corp.


IN74ACT04 Product details

The IN74ACT04 is identical in pinout to the LS/ALS04, HC/HCT04. The IN74ACT04 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.



• TTL/NMOS Compatible Input Levels

• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 4.5 to 5.5 V

• Low Input Current: 1.0 µA; 0.1 µA @ 25°C

• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT04

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT00 INTEGRAL-IN74ACT00 Datasheet
102Kb / 4P
Quad 2-Input NAND Gate High-Speed Silicon-Gate CMOS
IN74ACT02 INTEGRAL-IN74ACT02 Datasheet
209Kb / 5P
Quad 2-Input NOR Gate
IN74ACT02D INTEGRAL-IN74ACT02D Datasheet
209Kb / 5P
Quad 2-Input NOR Gate
IN74ACT02N INTEGRAL-IN74ACT02N Datasheet
209Kb / 5P
Quad 2-Input NOR Gate
IN74ACT08 INTEGRAL-IN74ACT08 Datasheet
139Kb / 4P
QUAD 2-INPUT AND GATE
More results


Similar Description - IN74ACT04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com