Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2873 Datasheet (PDF) - Analog Devices

LTC2873 Datasheet PDF - Analog Devices
Part # LTC2873
Download  LTC2873 Download
File Size   1626.23 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination

LTC2873 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2873 Datasheet PDF - Analog Devices

Part # LTC2873
Download  LTC2873 Click to download

File Size   1626.23 Kbytes
Page   32 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination

LTC2873 Datasheet (HTML) - Analog Devices


LTC2873 Product details

DESCRIPTION
The LTC®2873 is a robust pin-configurable multiprotocol transceiver that supports RS232, RS485, and RS422 protocols while operating on a single 3V to 5.5V supply. The LTC2873 can be configured as a half-duplex RS485 transceiver or as an RS232 transceiver using the same two bus pins.

FEATURES
■ One RS485 or One RS232 Transceiver
■ 3V to 5.5V Supply Voltage
■ Up to 20Mbps RS485
■ Slew-Controlled RS232 Operation:
   ■ Selectable 1Mbps or 250kbps
■ Automatic Selection of Integrated RS485 (120Ω)
   and RS232 (5kΩ) Termination Resistors
■ High ESD: ±26kV HBM
■ Logic Loopback Mode
■ 1.7V to 5.5V Logic Interface
■ Supports Up to 256 RS485 Nodes
■ RS485 Receiver Failsafe Eliminates UART Lockup
■ H-Grade Available (–40°C to 125°C)
■ Available in 24-Pin 4mm × 5mm QFN Package

APPLICATIONS
■ Software Selectable RS232/RS485/RS422 Interface
■ Industrial Sensors and Actuators
■ Alarm Systems
■ Traffic Control and Monitoring
■ Highway Signs and Jumbo Displays




Similar Part No. - LTC2873

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results


Similar Description - LTC2873

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
Single 5V RS232/RS422/RS485 Multiprotocol
logo
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
logo
Linear Technology
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
Single 5V RS232/RS485 Multiprotocol Transceiver
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2873 LINER-LTC2873 Datasheet
184Kb / 6P
Single-Bus RS485/RS232 Multiprotocolv Transceiver with Switchable Termination
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com