Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT21 Datasheet (PDF) - Integral Corp.

IN74ACT21 Datasheet PDF - Integral Corp.
Part # IN74ACT21
Download  IN74ACT21 Download
File Size   133.43 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description DUAL 4-INPUT AND GATE

IN74ACT21 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT21 Datasheet PDF - Integral Corp.

Part # IN74ACT21
Download  IN74ACT21 Click to download

File Size   133.43 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description DUAL 4-INPUT AND GATE

IN74ACT21 Datasheet (HTML) - Integral Corp.


IN74ACT21 Product details

The IN74ACT21 is identical in pinout to the LS/ALS21, HC/HCT21. The IN74ACT21 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.

• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT21

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74ACT20 INTEGRAL-IN74ACT20 Datasheet
139Kb / 4P
DUAL 4-INPUT NAND GATE
IN74ACT20D INTEGRAL-IN74ACT20D Datasheet
139Kb / 4P
DUAL 4-INPUT NAND GATE
IN74ACT20N INTEGRAL-IN74ACT20N Datasheet
139Kb / 4P
DUAL 4-INPUT NAND GATE
IN74ACT240 INTEGRAL-IN74ACT240 Datasheet
184Kb / 4P
OCTAL 3-STATE INVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
IK Semicon Co., Ltd
IN74ACT240 IKSEMICON-IN74ACT240 Datasheet
268Kb / 5P
Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4082B PHILIPS-HEF4082B Datasheet
26Kb / 3P
Dual 4-input AND gate
January 1995
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F Datasheet
190Kb / 5P
DUAL 4-INPUT AND GATE
06-Aug-1997
logo
Integral Corp.
IN74HC21A INTEGRAL-IN74HC21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
IN74HCT21A INTEGRAL-IN74HCT21A Datasheet
38Kb / 5P
Dual 4-Input AND Gate
logo
KODENSHI_AUK CORP.
KK74HC21A KODENSHI-KK74HC21A Datasheet
251Kb / 5P
Dual 4-Input AND Gate
KK74HCT21A KODENSHI-KK74HCT21A Datasheet
249Kb / 5P
Dual 4-Input AND Gate
logo
IK Semicon Co., Ltd
IN74HC21A IKSEMICON-IN74HC21A Datasheet
236Kb / 5P
Dual 4-Input AND Gate
logo
Toshiba Semiconductor
TC74VHC21F TOSHIBA-TC74VHC21F_08 Datasheet
210Kb / 9P
Dual 4-Input AND Gate
logo
Nexperia B.V. All right...
HEF4082B-Q100 NEXPERIA-HEF4082B-Q100 Datasheet
717Kb / 11P
Dual 4-input AND gate
HEF4082B NEXPERIA-HEF4082B Datasheet
198Kb / 9P
Dual 4-input AND gate
Rev. 7 - 24 February 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com