Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT34 Datasheet (PDF) - Integral Corp.

IN74ACT34 Datasheet PDF - Integral Corp.
Part # IN74ACT34
Download  IN74ACT34 Download
File Size   129.82 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description HEX NONINVERTER BUFFER

IN74ACT34 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT34 Datasheet PDF - Integral Corp.

Part # IN74ACT34
Download  IN74ACT34 Click to download

File Size   129.82 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description HEX NONINVERTER BUFFER

IN74ACT34 Datasheet (HTML) - Integral Corp.


IN74ACT34 Product details

The IN74ACT34 is identical in pinout to the LS/ALS34,HC/HCT34. The IN74ACT34 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.



• TTL/NMOS Compatible Input Levels

• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 4.5 to 5.5 V

• Low Input Current: 1.0 µA; 0.1 µA @ 25°C

• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT34

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT34 IKSEMICON-IN74ACT34 Datasheet
150Kb / 5P
Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
IN74ACT34D IKSEMICON-IN74ACT34D Datasheet
150Kb / 5P
Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
IN74ACT34N IKSEMICON-IN74ACT34N Datasheet
150Kb / 5P
Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT34

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14049B ONSEMI-MC14049B Datasheet
106Kb / 8P
Hex Buffer
February, 2005 ??Rev. 5
logo
Texas Instruments
SN74ALS35A TI-SN74ALS35A Datasheet
65Kb / 4P
HEX NONINVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Integral Corp.
IN74AC34 INTEGRAL-IN74AC34 Datasheet
96Kb / 4P
Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
logo
ON Semiconductor
MC74VHC50 ONSEMI-MC74VHC50 Datasheet
197Kb / 7P
Hex Buffer
March, 2006 -- Rev. 4
logo
KODENSHI_AUK CORP.
KK74AC34 KODENSHI-KK74AC34 Datasheet
213Kb / 5P
Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
KK74ACT34 KODENSHI-KK74ACT34 Datasheet
206Kb / 5P
Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
logo
Toshiba Semiconductor
TC74HCT7007AP TOSHIBA-TC74HCT7007AP_07 Datasheet
215Kb / 6P
Hex Buffer
logo
IK Semicon Co., Ltd
IN74AC34 IKSEMICON-IN74AC34 Datasheet
153Kb / 5P
Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
IN74ACT34 IKSEMICON-IN74ACT34 Datasheet
150Kb / 5P
Hex Noninverter Buffer High-Speed Silicon-Gate CMOS
logo
Unisonic Technologies
U74LVC34A UTC-U74LVC34A Datasheet
193Kb / 5P
HEX BUFFER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com