Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT48CA1 Datasheet (PDF) - Holtek Semiconductor Inc

HT48CA1 Datasheet PDF - Holtek Semiconductor Inc
Part # HT48CA1
Download  HT48CA1 Download
File Size   308.49 Kbytes
Page   39 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Remote Type 8-Bit MCU

HT48CA1 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT48CA1 Datasheet PDF - Holtek Semiconductor Inc

Part # HT48CA1
Download  HT48CA1 Click to download

File Size   308.49 Kbytes
Page   39 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description Remote Type 8-Bit MCU

HT48CA1 Datasheet (HTML) - Holtek Semiconductor Inc


HT48CA1 Product details

General Description
The HT48RA1/HT48CA1 are 8-bit high performance, RISC architecture microcontroller devices specifically designed for multiple I/O control product applications. The data ROM can be used to store remote control codes. The mask version HT48CA1 is fully pin and functionally compatible with the OTP version HT48RA1 device.

Features
• Operating voltage: 2.0V~5.5V
• 23 bidirectional I/O lines (max.)
• 1 interrupt input shared with an I/O line
• 8-bit programmable timer/event counter with overflow interrupt and 8-stage prescaler (TMR0)
• 16-bit programmable timer/event counter and overflow interrupts (TMR1)
• On-chip crystal and RC oscillator
• Watchdog Timer
• 8Kx16 program memory
• 224x8 data memory RAM
• PFD supported
• HALT function and wake-up feature reduce power consumption
• 8-level subroutine nesting
• Up to 1μs instruction cycle with 4MHz system clock at VDD=3V
• Bit manipulation instruction
• 16-bit table read instruction
• 63 powerful instructions
• All instructions in one or two machine cycles
• Low voltage reset function
• 28-pin SOP/SSOP(209mil) package




Similar Part No. - HT48CA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA1 HOLTEK-HT48CA1 Datasheet
272Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48CA1 HOLTEK-HT48CA1 Datasheet
269Kb / 38P
Remote Type 8-Bit MCU
May 22, 2009
More results


Similar Description - HT48CA1

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48CA3 HOLTEK-HT48CA3 Datasheet
271Kb / 36P
8-Bit Remote Type MCU
July 16, 2003
HT48RA0A HOLTEK-HT48RA0A Datasheet
238Kb / 31P
8-Bit Remote Type MCU
July 16, 2003
HT48RA0 HOLTEK-HT48RA0 Datasheet
238Kb / 32P
Remote Type 8-Bit MCU
July 23, 2004
HT48RA0-1 HOLTEK-HT48RA0-1 Datasheet
225Kb / 33P
Remote Type 8-Bit MCU
December 21, 2005
HT48RA1 HOLTEK-HT48RA1_07 Datasheet
272Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA3 HOLTEK-HT48RA3_07 Datasheet
274Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA5 HOLTEK-HT48RA5_07 Datasheet
281Kb / 38P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA0-3 HOLTEK-HT48RA0-3 Datasheet
250Kb / 34P
Remote Type 8-Bit MCU
October 12, 2007
HT48RA1 HOLTEK-HT48RA1_09 Datasheet
269Kb / 38P
Remote Type 8-Bit MCU
May 22, 2009
HT48RA0-6 HOLTEK-HT48RA0-6 Datasheet
3Mb / 45P
Remote Type 8-bit MCU
March 24, 2016
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com