Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT112 Datasheet (PDF) - Integral Corp.

IN74ACT112 Datasheet PDF - Integral Corp.
Part # IN74ACT112
Download  IN74ACT112 Download
File Size   202.46 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description DUAL J-K FLIP-FLOP WITH SET AND RESET

IN74ACT112 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT112 Datasheet PDF - Integral Corp.

Part # IN74ACT112
Download  IN74ACT112 Click to download

File Size   202.46 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description DUAL J-K FLIP-FLOP WITH SET AND RESET

IN74ACT112 Datasheet (HTML) - Integral Corp.


IN74ACT112 Product details

DUAL J-K FLIP-FLOP WITH SET AND RESET
High-Speed Silicon-Gate CMOS

The IN74ACT112 is identical in pinout to the LS/ALS112, HC/HCT112. The IN74ACT112 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
Each flip-flop is negative-edge clocked and has active-low asynchronous Set and Reset inputs.

• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT112

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT112 IKSEMICON-IN74ACT112 Datasheet
219Kb / 6P
Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74ACT112D IKSEMICON-IN74ACT112D Datasheet
219Kb / 6P
Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
IN74ACT112N IKSEMICON-IN74ACT112N Datasheet
219Kb / 6P
Dual J-K Flip-Flop with Set and Reset High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT112

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC109 SLS-SL74HC109 Datasheet
47Kb / 5P
Dual J-K Flip-Flop with Set and Reset
SL74HC112 SLS-SL74HC112 Datasheet
49Kb / 6P
Dual J-K Flip-Flop with Set and Reset
logo
Intersil Corporation
CD54AC109 INTERSIL-CD54AC109 Datasheet
10Kb / 1P
Dual J-K Flip-Flop with Set and Reset
June 1997
CD54AC112 INTERSIL-CD54AC112 Datasheet
10Kb / 1P
Dual “J-K” Flip-Flop with Set and Reset
June 1997
logo
Integral Corp.
IN74HCT109 INTEGRAL-IN74HCT109 Datasheet
144Kb / 5P
DUAL J-K FLIP-FLOP WITH SET AND RESET
IN74ACT109 INTEGRAL-IN74ACT109 Datasheet
183Kb / 5P
DUAL J-K FLIP-FLOP WITH SET AND RESET
logo
List of Unclassifed Man...
GD74HCT113 ETC1-GD74HCT113 Datasheet
256Kb / 6P
DUAL J-K FLIP-FLOP WITH SET AND RESET
GD74HCT76 ETC1-GD74HCT76 Datasheet
274Kb / 6P
DUAL J-K FLIP-FLOP WITH SET AND RESET & CLEAR
logo
Texas Instruments
CD54AC109 TI-CD54AC109 Datasheet
228Kb / 8P
Dual j-k Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC112 ONSEMI-MC74HC112_13 Datasheet
138Kb / 7P
Dual J-K Flip-Flop with Set and Reset
May, 2013 ??Rev. 8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com