Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT132D Datasheet (PDF) - Integral Corp.

IN74ACT132D Datasheet PDF - Integral Corp.
Part # IN74ACT132D
Download  IN74ACT132D Download
File Size   154.94 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS

IN74ACT132D Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT132D Datasheet PDF - Integral Corp.

Part # IN74ACT132D
Download  IN74ACT132D Click to download

File Size   154.94 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS

IN74ACT132D Datasheet (HTML) - Integral Corp.


IN74ACT132D Product details

The IN74ACT132 is identical in pinout to the LS/ALS132, HC/HCT132. The IN74ACT132 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
The IN74ACT132 can be used to enhance noise immunity or to square up slowly changing waveforms.

• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT132D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT132D IKSEMICON-IN74ACT132D Datasheet
175Kb / 5P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs High-Performance Silicon-Gate CMOS
More results


Similar Description - IN74ACT132D

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DM74ALS132 NSC-DM74ALS132 Datasheet
164Kb / 6P
DM74ALS132 Quad 2-Input NAND Gate with Schmitt Trigger Inputs
logo
ON Semiconductor
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Fairchild Semiconductor
DM74LS132 FAIRCHILD-DM74LS132 Datasheet
57Kb / 5P
Quad 2-Input NAND Gate with Schmitt Trigger Input
logo
Texas Instruments
SN74LVC2G132 TI-SN74LVC2G132 Datasheet
241Kb / 13P
DUAL 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
Integral Corp.
IN74HCT132A INTEGRAL-IN74HCT132A Datasheet
127Kb / 6P
QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
MC74HCT132A ONSEMI-MC74HCT132A Datasheet
174Kb / 9P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
November, 2009 ??Rev. 1
logo
Unisonic Technologies
U74LVC1G132 UTC-U74LVC1G132 Datasheet
180Kb / 6P
SINGLE 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
MC74HCT132A ONSEMI-MC74HCT132A_16 Datasheet
91Kb / 8P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs with LSTTL Compatible Inputs
September, 2016 ??Rev. 2
MC74HC132A ONSEMI-MC74HC132A_13 Datasheet
145Kb / 9P
Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
May, 2013 ??Rev. 15
logo
Texas Instruments
SN74LVC2G132 TI1-SN74LVC2G132_V01 Datasheet
1Mb / 20P
Dual 2-Input NAND Gate With Schmitt-Trigger Inputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com