Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BV4 Datasheet (PDF) - Semikron International

BV4 Datasheet PDF - Semikron International
Part # BV4
Download  BV4 Download
File Size   51.99 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description High voltage silicon rectifier diodes

BV4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BV4 Datasheet PDF - Semikron International

Part # BV4
Download  BV4 Click to download

File Size   51.99 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description High voltage silicon rectifier diodes

BV4 Datasheet (HTML) - Semikron International


BV4 Product details


Features
• Max solder temperature: 260 °C
• Plastic material has UL classification 94V-0




Similar Part No. - BV4

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BV4 DIOTEC-BV4 Datasheet
107Kb / 1P
High Voltage Si-Rectifiers
BV4 DIOTEC-BV4 Datasheet
45Kb / 1P
High Voltage Si-Rectifiers
logo
STMicroelectronics
BV42 STMICROELECTRONICS-BV42 Datasheet
133Kb / 5P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2001
logo
SEMTECH ELECTRONICS LTD...
BV45 SEMTECH_ELEC-BV45 Datasheet
143Kb / 2P
NPN Silicon Epitaxial Planar Transistor
logo
Schneider Electric
BV4T002D SCHNEIDER-BV4T002D Datasheet
130Kb / 2P
Motor Circuit Protector, TeSys BV4, standard fault, 2A, 600Y/347 VAC, 12 to 28 instantaneous trip, up to 100kA SCCR
Dec 10, 2020
More results


Similar Description - BV4

ManufacturerPart #DatasheetDescription
logo
Semikron International
BV8 SEMIKRON-BV8 Datasheet
51Kb / 2P
High voltage silicon rectifier diodes
BV8 SEMIKRON-BV8_06 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
BY4 SEMIKRON-BY4_06 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
logo
Diotec Semiconductor
BY4 DIOTEC-BY4_11 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
SI-E8000 DIOTEC-SI-E8000 Datasheet
191Kb / 2P
High Voltage Silicon Rectifier Diodes
SI-A1125 DIOTEC-SI-A1125_13 Datasheet
136Kb / 2P
High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
ESJC50F10 GETEDZ-ESJC50F10_17 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F10 GETEDZ-HV500F10_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F12 GETEDZ-HV500F12_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F15 GETEDZ-HV500F15_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com