Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT163 Datasheet (PDF) - Integral Corp.

IN74ACT163 Datasheet PDF - Integral Corp.
Part # IN74ACT163
Download  IN74ACT163 Download
File Size   217.02 Kbytes
Page   7 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description PRESETTABLE COUNTERS

IN74ACT163 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT163 Datasheet PDF - Integral Corp.

Part # IN74ACT163
Download  IN74ACT163 Click to download

File Size   217.02 Kbytes
Page   7 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description PRESETTABLE COUNTERS

IN74ACT163 Datasheet (HTML) - Integral Corp.


IN74ACT163 Product details

PRESETTABLE COUNTERS High-Speed Silicon-Gate CMOS

The IN74ACT163A is identical in pinout to the LS/ALS163 HC/HCT163. The IN74ACT163 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed Cmos Inputs.
The IN74ACT163A is programmable 4-bit synchronous counter that feature parallel Load, synchronous Reset, a Carry Output for cascading and count-enable controls.
The IN74ACT163A is binary counter with synchronous Reset.

• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA ; 0.1 mA @25°C
• Ouptuts Source/Sink 24mA




Similar Part No. - IN74ACT163

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT163 IKSEMICON-IN74ACT163 Datasheet
330Kb / 8P
Presettable Counters High-Speed Silicon-Gate CMOS
IN74ACT163D IKSEMICON-IN74ACT163D Datasheet
330Kb / 8P
Presettable Counters High-Speed Silicon-Gate CMOS
IN74ACT163N IKSEMICON-IN74ACT163N Datasheet
330Kb / 8P
Presettable Counters High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT163

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A Datasheet
284Kb / 16P
Presettable Counters
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
Presettable Counters
SL74HC163 SLS-SL74HC163 Datasheet
86Kb / 9P
Presettable Counters
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
Presettable Counters
June, 2001 ??Rev. 9
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
Presettable Binary Counters
logo
Integral Corp.
IN74HC161A INTEGRAL-IN74HC161A Datasheet
189Kb / 9P
PRESETTABLE COUNTERS
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
PRESETTABLE COUNTERS
IN74HCT163A INTEGRAL-IN74HCT163A Datasheet
188Kb / 8P
PRESETTABLE COUNTERS
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
Presettable Counters
May, 2013 ??Rev. 13
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com