Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT175 Datasheet (PDF) - Integral Corp.

IN74ACT175 Datasheet PDF - Integral Corp.
Part # IN74ACT175
Download  IN74ACT175 Download
File Size   133.91 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Quad D Flip-Flop with Common Clock and Reset

IN74ACT175 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT175 Datasheet PDF - Integral Corp.

Part # IN74ACT175
Download  IN74ACT175 Click to download

File Size   133.91 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description Quad D Flip-Flop with Common Clock and Reset

IN74ACT175 Datasheet (HTML) - Integral Corp.


IN74ACT175 Product details

Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS

The IN74ACT175 is identical in pinout to the LS/ALS175, HC/HCT175. The IN74ACT175 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
This device consists of four D flip-flops with common Reset and Clock inputs, and separate D inputs. Reset (active-low) is asynchronous and occurs when a low level is applied to the Reset input. Information at a D input is transferred to the corresponding Q output on the next positive-going edge of the Clock input.

• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT175

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT175 IKSEMICON-IN74ACT175 Datasheet
253Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74ACT175D IKSEMICON-IN74ACT175D Datasheet
253Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IN74ACT175N IKSEMICON-IN74ACT175N Datasheet
253Kb / 6P
Quad D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT175

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC175 MOTOROLA-MC54-74HC175 Datasheet
200Kb / 7P
Quad D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC54-74HC175 ONSEMI-MC54-74HC175 Datasheet
200Kb / 7P
Quad D Flip-Flop with Common Clock and Reset
REV 6
MC74HC174A ONSEMI-MC74HC174A Datasheet
155Kb / 8P
Hex D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 7
MC74HC175A ONSEMI-MC74HC175A Datasheet
191Kb / 8P
Quad D Flip-Flop with Common Clock and Reset
March, 2000 ??Rev. 2
logo
System Logic Semiconduc...
SL74HC175 SLS-SL74HC175 Datasheet
49Kb / 5P
Quad D Flip-Flop with Common Clock and Reset
logo
Integral Corp.
IN74ACT174 INTEGRAL-IN74ACT174 Datasheet
163Kb / 5P
HEX D FLIP-FLOP WITH COMMON CLOCK AND RESET
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
Octal D Flip-Flop with Common Clock and Reset
logo
ON Semiconductor
MC74HC175A ONSEMI-MC74HC175A_12 Datasheet
157Kb / 11P
Quad D Flip-Flop with Common Clock and Reset
July, 2012 ??Rev. 5
MC74HC175A ONSEMI-MC74HC175A_14 Datasheet
93Kb / 9P
Quad D Flip-Flop with Common Clock and Reset
November, 2014 ??Rev. 6
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com