Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT244N Datasheet (PDF) - Integral Corp.

IN74ACT244N Datasheet PDF - Integral Corp.
Part # IN74ACT244N
Download  IN74ACT244N Download
File Size   185.3 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER

IN74ACT244N Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT244N Datasheet PDF - Integral Corp.

Part # IN74ACT244N
Download  IN74ACT244N Click to download

File Size   185.3 Kbytes
Page   4 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER

IN74ACT244N Datasheet (HTML) - Integral Corp.


IN74ACT244N Product details

OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER

High-Speed Silicon-Gate CMOS



The IN74ACT244 is identical in pinout to the LS/ALS244, HC/HCT244. The IN74ACT244 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.

This octal noninverting buffer/line driver/line receiver is designed to be used with 3-state memory address drivers, clock drivers, and other bus-oriented systems. The device has noninverting outputs and two active-low output enables.



• TTL/NMOS Compatible Input Levels

• Outputs Directly Interface to CMOS, NMOS, and TTL

• Operating Voltage Range: 4.5 to 5.5 V

• Low Input Current: 1.0 µA; 0.1 µA @ 25°C

• Outputs Source/Sink 24 mA



 




Similar Part No. - IN74ACT244N

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT244N IKSEMICON-IN74ACT244N Datasheet
270Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT244N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC54-74HC244A MOTOROLA-MC54-74HC244A Datasheet
185Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
MC74HC244A ONSEMI-MC74HC244A Datasheet
179Kb / 8P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
March, 2000 ??Rev. 8
logo
System Logic Semiconduc...
SL74LS244 SLS-SL74LS244 Datasheet
40Kb / 4P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
Integral Corp.
IN74HC244A INTEGRAL-IN74HC244A Datasheet
110Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
IN74ACT241 INTEGRAL-IN74ACT241 Datasheet
185Kb / 4P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER /LINE RECEIVER
IN74HC241A INTEGRAL-IN74HC241A Datasheet
151Kb / 5P
OCTAL 3-STATE NONINVERTING BUFFER/LINE DRIVER/LINE RECEIVER
logo
KODENSHI_AUK CORP.
KK74LS244 KODENSHI-KK74LS244 Datasheet
333Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
IK Semicon Co., Ltd
IN74LS244 IKSEMICON-IN74LS244 Datasheet
253Kb / 5P
Octal 3-State Noninverting Buffer/Line Driver/Line Receiver
logo
ON Semiconductor
NLV74HC244ADTR2G ONSEMI-NLV74HC244ADTR2G Datasheet
143Kb / 9P
Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
July, 2012 ??Rev. 14
MC74HCT244A ONSEMI-MC74HCT244A_14 Datasheet
118Kb / 7P
Octal 3-State Noninverting Buffer/Line Driver/ Line Receiver
September, 2014 ??Rev. 14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com