Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT253D Datasheet (PDF) - Integral Corp.

IN74ACT253D Datasheet PDF - Integral Corp.
Part # IN74ACT253D
Download  IN74ACT253D Download
File Size   220.87 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OTPUTS

IN74ACT253D Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT253D Datasheet PDF - Integral Corp.

Part # IN74ACT253D
Download  IN74ACT253D Click to download

File Size   220.87 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description DUAL 4-INPUT DATA SELECTOR/MULTIPLEXER WITH 3-STATE OTPUTS

IN74ACT253D Datasheet (HTML) - Integral Corp.


IN74ACT253D Product details

The IN74ACT253 is identical in pinout to the LS/ALS253, HC/HCT253. The IN74ACT253 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
The Address Inputs select one of four Data Inputs from each multiplexer. Each multiplexer has an active-low Output Enable control and a three-state noninverting output.

• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT253D

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT253D IKSEMICON-IN74ACT253D Datasheet
315Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT253D

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC153 SLS-SL74HC153 Datasheet
52Kb / 5P
Dual 4-Input Data Selector/Multiplexer
SL74HC253 SLS-SL74HC253 Datasheet
49Kb / 5P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs
logo
Integral Corp.
IN74AC253 INTEGRAL-IN74AC253 Datasheet
196Kb / 5P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
logo
Motorola, Inc
MC74HC153 MOTOROLA-MC74HC153 Datasheet
180Kb / 5P
Dual 4-Input Data Selector/Multiplexer
logo
KODENSHI_AUK CORP.
KK74AC253 KODENSHI-KK74AC253 Datasheet
329Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
KK74ACT253 KODENSHI-KK74ACT253 Datasheet
326Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
KK74HC253A KODENSHI-KK74HC253A Datasheet
240Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Performance Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IN74HC253A IKSEMICON-IN74HC253A Datasheet
221Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Performance Silicon-Gate CMOS
IN74AC253 IKSEMICON-IN74AC253 Datasheet
235Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
IN74ACT253 IKSEMICON-IN74ACT253 Datasheet
315Kb / 6P
Dual 4-Input Data Selector/Multiplexer with 3-State Otputs High-Speed Silicon-Gate CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com