Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C4BS Datasheet (PDF) - Fox Electronics

C4BS Datasheet PDF - Fox Electronics
Part # C4BS
Download  C4BS Download
File Size   218.34 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 4.0mm x 2.5mm Ceramic SMD Crystal

C4BS Datasheet (PDF)

Go To PDF Page Download Datasheet
C4BS Datasheet PDF - Fox Electronics

Part # C4BS
Download  C4BS Click to download

File Size   218.34 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 4.0mm x 2.5mm Ceramic SMD Crystal

C4BS Datasheet (HTML) - Fox Electronics




Similar Part No. - C4BS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C4BSMBX3470ZAFJ KEMET-C4BSMBX3470ZAFJ Datasheet
111Kb / 1P
Film, Metallized Polypropylene, Power, C4BS, 0.47 uF, 5%, 850 V, 70C, Lead Spacing = 25mm
C4BSMBX3470ZEE_ KEMET-C4BSMBX3470ZEE_ Datasheet
366Kb / 4P
BOX CAPACITORS, IGBT APPLICATIONS
C4BSMBX3470Z_F_ KEMET-C4BSMBX3470Z_F_ Datasheet
366Kb / 4P
BOX CAPACITORS, IGBT APPLICATIONS
C4BSMBX3680Z_F_ KEMET-C4BSMBX3680Z_F_ Datasheet
366Kb / 4P
BOX CAPACITORS, IGBT APPLICATIONS
C4BSMBX4100ZAFJ KEMET-C4BSMBX4100ZAFJ Datasheet
111Kb / 1P
Capacitor, film, Metallized Polypropylene
More results


Similar Description - C4BS

ManufacturerPart #DatasheetDescription
logo
MMD Components
SXXBA1 MMD-SXXBA1 Datasheet
76Kb / 1P
4.0mm X 2.5mm SMD Package
logo
EUROQUARTZ limited
XOA32 EUROQUARTZ-XOA32 Datasheet
110Kb / 1P
3.2 x 2.5mm SMD oscillator with AT-Cut Crystal
logo
Advanced Crystal Techno...
3225H-SMX-4 ACT-3225H-SMX-4 Datasheet
179Kb / 1P
3.2 x 2.5mm Crystal unit
3225S-SMX-4 ACT-3225S-SMX-4 Datasheet
230Kb / 2P
3.2 x 2.5mm Crystal unit
1/02/2017
logo
TAITIEN ELECTRONICS CO....
XO-0149-OA-M-CMOS TAITIEN-XO-0149-OA-M-CMOS Datasheet
550Kb / 1P
3.2 X 2.5mm SMD CMOS Output Crystal Oscillator
XO-0155-OX TAITIEN-XO-0155-OX Datasheet
344Kb / 1P
3.2 x 2.5mm SMD CMOS Output Crystal Oscillator
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
logo
Fox Electronics
C3BQ FOX-C3BQ Datasheet
212Kb / 2P
3.2mm x 2.5mm SMD Crystal
C3BS FOX-C3BS Datasheet
163Kb / 2P
3.2mm x 2.5mm Ceramic SMD Crystal
logo
Transko Electronics, In...
TV32A TRANSKO-TV32A Datasheet
607Kb / 2P
MINIATURE CERAMIC SMD VCXO (3.2 x 2.5mm)
Rev. 4: Mar. 2016
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com