Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5BS Datasheet (PDF) - Fox Electronics

C5BS Datasheet PDF - Fox Electronics
Part # C5BS
Download  C5BS Download
File Size   191.92 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 5.0mm x 3.2mm Ceramic SMD Crystal

C5BS Datasheet (PDF)

Go To PDF Page Download Datasheet
C5BS Datasheet PDF - Fox Electronics

Part # C5BS
Download  C5BS Click to download

File Size   191.92 Kbytes
Page   3 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 5.0mm x 3.2mm Ceramic SMD Crystal

C5BS Datasheet (HTML) - Fox Electronics




Similar Part No. - C5BS

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
C5BA FOX-C5BA Datasheet
273Kb / 2P
5 x 3.2mm Auto Grade Crystal
C5BQ FOX-C5BQ Datasheet
208Kb / 2P
5.0mm x 3.2mm SMD Crystal C5BQ
More results


Similar Description - C5BS

ManufacturerPart #DatasheetDescription
logo
MMD Components
VSAA1 MMD-VSAA1 Datasheet
62Kb / 1P
5.0mm x 3.2mm x 1.2mm 2 Pads Ceramic Package
logo
EUROQUARTZ limited
MJ2CRYSTALS EUROQUARTZ-MJ2CRYSTALS Datasheet
148Kb / 1P
Miniature size: 5.0mm x 3.2mm x 0.9mm height
MJCRYSTALS EUROQUARTZ-MJCRYSTALS Datasheet
156Kb / 1P
Miniature size: 5.0mm x 3.2mm x 1.0mm height
logo
CTS Corporation
405I35D24M00000 CTS-405I35D24M00000 Datasheet
125Kb / 3P
Standard 5.0mm x 3.2mm Ceramic Surface Mount Package
logo
TAITIEN ELECTRONICS CO....
XO-0116-OW-M-CMOS TAITIEN-XO-0116-OW-M-CMOS Datasheet
1Mb / 1P
5.0 X 3.2mm SMD CMOS Crystal Oscilator
logo
Fox Electronics
C3BQ FOX-C3BQ Datasheet
212Kb / 2P
3.2mm x 2.5mm SMD Crystal
C3BS FOX-C3BS Datasheet
163Kb / 2P
3.2mm x 2.5mm Ceramic SMD Crystal
C5AQ FOX-C5AQ Datasheet
208Kb / 2P
5.0mm x 3.2mm SMD Crystal
C5BQ FOX-C5BQ Datasheet
208Kb / 2P
5.0mm x 3.2mm SMD Crystal C5BQ
logo
Transko Electronics, In...
TV75A TRANSKO-TV75A Datasheet
419Kb / 2P
MINIATURE CERAMIC SMD VCXO (7.0 x 5.0mm)
Rev. 3: 12-14-2022
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com