Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C8AQ Datasheet (PDF) - Fox Electronics

C8AQ Datasheet PDF - Fox Electronics
Part # C8AQ
Download  C8AQ Download
File Size   222.89 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 10 x 4.5mm SMD Crystal

C8AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
C8AQ Datasheet PDF - Fox Electronics

Part # C8AQ
Download  C8AQ Click to download

File Size   222.89 Kbytes
Page   2 Pages
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics
Description 10 x 4.5mm SMD Crystal

C8AQ Datasheet (HTML) - Fox Electronics




Similar Part No. - C8AQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
C8A50Z4 NXP-C8A50Z4 Datasheet
364Kb / 9P
RF Power LDMOS Transistor
logo
Anaren Microwave
C8A50Z4A ANAREN-C8A50Z4A Datasheet
103Kb / 3P
Surface Mount Termination 8 Watts, 50廓
logo
NXP Semiconductors
C8A50Z4A NXP-C8A50Z4A Datasheet
379Kb / 9P
RF Power GaN Transistor
C8A50Z4A NXP-C8A50Z4A Datasheet
389Kb / 16P
RF Power LDMOS Transistor
C8A50Z4A NXP-C8A50Z4A Datasheet
385Kb / 17P
RF Power LDMOS Transistor N−Channel Enhancement−Mode Lateral MOSFET
Rev. 1, 11/2022
More results


Similar Description - C8AQ

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
MP43050 EUROQUARTZ-MP43050 Datasheet
115Kb / 1P
12mm x 4.5mm SMD
MP4 EUROQUARTZ-MP4 Datasheet
152Kb / 1P
12 x 4.5mm Compatible SMD Crystal
logo
TAITIEN ELECTRONICS CO....
XO-0156-XX-O TAITIEN-XO-0156-XX-O Datasheet
163Kb / 1P
3.2 X 2.5mm SMD Crystal
logo
Fox Electronics
C2BS FOX-C2BS Datasheet
215Kb / 2P
2.5 x 2.0mm SMD Crystal
C3BQ FOX-C3BQ Datasheet
212Kb / 2P
3.2mm x 2.5mm SMD Crystal
C5AQ FOX-C5AQ Datasheet
208Kb / 2P
5.0mm x 3.2mm SMD Crystal
logo
Transko Electronics, In...
CS63A TRANSKO-CS63A Datasheet
237Kb / 1P
CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19
TRSI6045F TRANSKO-TRSI6045F Datasheet
680Kb / 3P
Resin Shielded Inductor SMD (6.0 X 6.0 X 4.5mm)
Rev 2: 10-28-2019
TX-E TRANSKO-TX-E Datasheet
501Kb / 2P
TCXO/VCTCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Rev. 1: Dec. 2014
TX-EI TRANSKO-TX-EI Datasheet
448Kb / 2P
TCXO FULL SIZE SMD (18.3 x 11.7 x 4.5mm)
Ver.1: Jan. 2015
More results




About Fox Electronics


Fox Electronics is a company that specializes in the design and manufacturing of frequency control products, including crystal oscillators, temperature-compensated crystal oscillators (TCXOs), voltage-controlled crystal oscillators (VCXOs), and frequency control modules. They provide solutions for a variety of industries including telecommunications, industrial, military, aerospace, and consumer electronics.

Founded in 1979, Fox Electronics has become a leading supplier of frequency control products, with a strong reputation for quality and reliability. They offer a wide range of standard products, as well as customized solutions to meet specific customer requirements.

In addition to their frequency control products, Fox Electronics also provides technical support, testing, and certification services to ensure that their products meet industry standards and customer specifications.

Overall, Fox Electronics is a trusted and reputable supplier of frequency control products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com