Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT623 Datasheet (PDF) - Integral Corp.

IN74ACT623 Datasheet PDF - Integral Corp.
Part # IN74ACT623
Download  IN74ACT623 Download
File Size   189.41 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER

IN74ACT623 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT623 Datasheet PDF - Integral Corp.

Part # IN74ACT623
Download  IN74ACT623 Click to download

File Size   189.41 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER

IN74ACT623 Datasheet (HTML) - Integral Corp.


IN74ACT623 Product details

OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
High-Speed Silicon-Gate CMOS

The IN74ACT623 is identical in pinout to the LS/ALS623, HC/HCT623. The IN74ACT623 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
The IN74ACT623 is a 3-state noninverting transceiver that is used for 2-way communication between data buses. Two separate enables are available. The enable for bus A to B is active-high, the enable for bus B to A is active-low.

• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT623

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT623 IKSEMICON-IN74ACT623 Datasheet
279Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT623DW IKSEMICON-IN74ACT623DW Datasheet
279Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT623N IKSEMICON-IN74ACT623N Datasheet
279Kb / 6P
Octal 3-State Noninverting Bus Transceiver High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT623

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC245A ONSEMI-MC74HC245A Datasheet
129Kb / 10P
Octal 3-State Noninverting Bus Transceiver
July, 2005 ??Rev. 11
logo
System Logic Semiconduc...
SL74LS245 SLS-SL74LS245 Datasheet
44Kb / 4P
Octal 3-State Noninverting Bus Transceiver
logo
Integral Corp.
IN74HC623 INTEGRAL-IN74HC623 Datasheet
108Kb / 5P
Octal 3-State Noninverting Bus Transceiver
IN74HC245 INTEGRAL-IN74HC245 Datasheet
110Kb / 5P
Octal 3-State Noninverting Bus Transceiver
IN74LS245 INTEGRAL-IN74LS245 Datasheet
332Kb / 5P
Octal 3-State Noninverting Bus Transceiver
IN74LV623 INTEGRAL-IN74LV623 Datasheet
133Kb / 5P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
KODENSHI_AUK CORP.
KK74LS245 KODENSHI-KK74LS245 Datasheet
349Kb / 5P
Octal 3-State Noninverting Bus Transceiver
KK74LV623 KODENSHI-KK74LV623 Datasheet
270Kb / 6P
OCTAL 3-STATE NONINVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LS245 IKSEMICON-IN74LS245 Datasheet
259Kb / 5P
Octal 3-State Noninverting Bus Transceiver
logo
ON Semiconductor
MC74HCT245A ONSEMI-MC74HCT245A_16 Datasheet
153Kb / 9P
Octal 3-State Noninverting Bus Transceiver
May, 2011 ??Rev. 12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com