Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IN74ACT640 Datasheet (PDF) - Integral Corp.

IN74ACT640 Datasheet PDF - Integral Corp.
Part # IN74ACT640
Download  IN74ACT640 Download
File Size   211.02 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description OCTAL 3-STATE INVERTING BUS TRANSCEIVER

IN74ACT640 Datasheet (PDF)

Go To PDF Page Download Datasheet
IN74ACT640 Datasheet PDF - Integral Corp.

Part # IN74ACT640
Download  IN74ACT640 Click to download

File Size   211.02 Kbytes
Page   5 Pages
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.
Description OCTAL 3-STATE INVERTING BUS TRANSCEIVER

IN74ACT640 Datasheet (HTML) - Integral Corp.


IN74ACT640 Product details

OCTAL 3-STATE INVERTING BUS TRANSCEIVER High-Speed Silicon-Gate CMOS

The IN74ACT640 is identical in pinout to the LS/ALS640, HC/HCT640. The IN74ACT640 may be used as a level converter for interfacing TTL or NMOS outputs to High Speed CMOS inputs.
The IN74ACT640 is a 3-state transceiver that is used for 2-way asynchronous communication between data buses. The device has an active-low Output Enable pin, which is used to place the I/O ports into high-impedance states. The Direction control determines whether data flows from A to B or from B to A.

• TTL/NMOS Compatible Input Levels
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 4.5 to 5.5 V
• Low Input Current: 1.0 µA; 0.1 µA @ 25°C
• Outputs Source/Sink 24 mA




Similar Part No. - IN74ACT640

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74ACT640 IKSEMICON-IN74ACT640 Datasheet
303Kb / 6P
Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT640DW IKSEMICON-IN74ACT640DW Datasheet
303Kb / 6P
Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
IN74ACT640N IKSEMICON-IN74ACT640N Datasheet
303Kb / 6P
Octal 3-State Inverting Bus Transceiver High-Speed Silicon-Gate CMOS
More results


Similar Description - IN74ACT640

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F640 PHILIPS-74F640 Datasheet
85Kb / 11P
Octal bus transceiver, inverting 3-State
1989 Nov 27
74HC640 PHILIPS-74HC640 Datasheet
47Kb / 6P
Octal bus transceiver; 3-state; inverting
March 1988
logo
Integral Corp.
IN74AC640 INTEGRAL-IN74AC640 Datasheet
197Kb / 5P
Octal 3-State Inverting Bus Transceiver
IN74LV640 INTEGRAL-IN74LV640 Datasheet
44Kb / 5P
Octal 3-State Inverting Bus Transceiver
logo
KODENSHI_AUK CORP.
KK74LV640 KODENSHI-KK74LV640 Datasheet
268Kb / 5P
Octal 3-State Inverting Bus Transceiver
logo
Integral Corp.
IN74HC640A INTEGRAL-IN74HC640A Datasheet
148Kb / 5P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74LV620 INTEGRAL-IN74LV620 Datasheet
135Kb / 5P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
KODENSHI_AUK CORP.
KK74LV620 KODENSHI-KK74LV620 Datasheet
266Kb / 6P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
logo
IK Semicon Co., Ltd
IN74LV620 IKSEMICON-IN74LV620 Datasheet
249Kb / 6P
OCTAL 3-STATE INVERTING BUS TRANSCEIVER
IN74LV640 IKSEMICON-IN74LV640 Datasheet
257Kb / 5P
Octal 3-State Inverting Bus Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com