Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRG10R050 Datasheet (PDF) - CINCON ELECTRONICS Corporation

TRG10R050 Datasheet PDF - CINCON ELECTRONICS Corporation
Part # TRG10R050
Download  TRG10R050 Download
File Size   366.5 Kbytes
Page   2 Pages
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation
Description 10W SWITCHING ADAPTER

TRG10R050 Datasheet (PDF)

Go To PDF Page Download Datasheet
TRG10R050 Datasheet PDF - CINCON ELECTRONICS Corporation

Part # TRG10R050
Download  TRG10R050 Click to download

File Size   366.5 Kbytes
Page   2 Pages
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation
Description 10W SWITCHING ADAPTER

TRG10R050 Datasheet (HTML) - CINCON ELECTRONICS Corporation




Similar Part No. - TRG10R050

ManufacturerPart #DatasheetDescription
logo
Ningbo Tianbo Ganglian ...
TRG1 TIANBO-TRG1 Datasheet
1Mb / 3P
10A switching capability
logo
CINCON ELECTRONICS Corp...
TRG15 CINCON-TRG15 Datasheet
461Kb / 2P
15W SWITCHING ADAPTER
logo
Powerbox
TRG150 POWERBOX-TRG150 Datasheet
377Kb / 1P
1 5 0 WAT T S - A C / D C G E N E R A L S I N G L E O U T P U T
logo
CINCON ELECTRONICS Corp...
TRG1505 CINCON-TRG1505 Datasheet
461Kb / 2P
15W SWITCHING ADAPTER
TRG1505-A-XXE01 CINCON-TRG1505-A-XXE01 Datasheet
461Kb / 2P
15W SWITCHING ADAPTER
More results


Similar Description - TRG10R050

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
NFM-10 MEANWELL-NFM-10 Datasheet
260Kb / 2P
10W Output Switching Power Supply
PM-10 MEANWELL-PM-10 Datasheet
246Kb / 2P
10W Output Switching Power Supply
logo
Volgen Kaga Electronics...
STD-0315 VOLGEN-STD-0315 Datasheet
63Kb / 2P
ADAPTER - 5W/10W
logo
Mean Well Enterprises C...
NFM-10 MEANWELL-NFM-10_09 Datasheet
262Kb / 2P
10W Output Switching Power Supply
PM-10 MEANWELL-PM-10_10 Datasheet
249Kb / 2P
10W Output Switching Power Supply
logo
Phihong USA Inc.
CLM10D-050-R PHIHONG-CLM10D-050-R Datasheet
190Kb / 2P
10W Car Charging Adapter for Portable Electronics
logo
Mean Well Enterprises C...
IRM-10 MEANWELL-IRM-10 Datasheet
161Kb / 2P
10W Output Switching Power Supply
logo
Phihong USA Inc.
CLM10D-050 PHIHONG-CLM10D-050_14 Datasheet
190Kb / 2P
10W Car Charging Adapter for Portable Electronics
PMA10R-050AW PHIHONG-PMA10R-050AW Datasheet
125Kb / 3P
10W Medical Grade Adapter with Interchangeable Plugs
PSAA10A-050QL6A PHIHONG-PSAA10A-050QL6A_18 Datasheet
201Kb / 3P
10W Compact Fixed Blade USB Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com