Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KDB Datasheet (PDF) - VBsemi Electronics Co.,Ltd

KDB Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # KDB
Download  KDB Download
File Size   1057.87 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 20 V (D-S) MOSFET

KDB Datasheet (PDF)

Go To PDF Page Download Datasheet
KDB Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # KDB
Download  KDB Click to download

File Size   1057.87 Kbytes
Page   9 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 20 V (D-S) MOSFET

KDB Datasheet (HTML) - VBsemi Electronics Co.,Ltd


KDB Product details

FEATURES
• Halogen-free According to IEC 61249-2-21 Definition
• TrenchFET® Power MOSFET
• 100 % Rg Tested
• Compliant to RoHS Directive 2002/95/EC

APPLICATIONS
• Load Switch for Portable Devices
   - Cellular Phone
   - DSC
   - Portable Game Console
   - MP3
   - GPS




Similar Part No. - KDB

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
KDB COOPER-KDB Datasheet
716Kb / 6P
250V and 600V cable limiters
logo
Eaton All Rights Reserv...
KDB EATON-KDB Datasheet
1Mb / 5P
250 V and 600 V cable limiters
logo
Guangdong Kexin Industr...
KDB15N50 KEXIN-KDB15N50 Datasheet
50Kb / 2P
N-Channel SMPS Power MOSFET
logo
Thinki Semiconductor Co...
KDB210S THINKISEMI-KDB210S Datasheet
415Kb / 3P
THINKISEMIS SCHOTTKY TYPE SINGLE PHASE BRIDGE RECTIFIERS
KDB215S THINKISEMI-KDB215S Datasheet
415Kb / 3P
THINKISEMIS SCHOTTKY TYPE SINGLE PHASE BRIDGE RECTIFIERS
More results


Similar Description - KDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com