Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT8A9701 Datasheet (PDF) - Pericom Semiconductor Corporation

PT8A9701 Datasheet PDF - Pericom Semiconductor Corporation
Part # PT8A9701
Download  PT8A9701 Download
File Size   75.87 Kbytes
Page   13 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 7-Function Remote Controller

PT8A9701 Datasheet (PDF)

Go To PDF Page Download Datasheet
PT8A9701 Datasheet PDF - Pericom Semiconductor Corporation

Part # PT8A9701
Download  PT8A9701 Click to download

File Size   75.87 Kbytes
Page   13 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 7-Function Remote Controller

PT8A9701 Datasheet (HTML) - Pericom Semiconductor Corporation


PT8A9701 Product details

General Description

The PT8A9701 and PT8A973/973L is a pair of CMOS LSIs designed for remote controlled toy car application. They have seven control keys for controlling the corresponding motion (forward, backward, left, right, turbo and 2 functional keys) of the remote controlled car. They also have ‘Forward (Backward)’ and ‘Turbo’ combination application.



Features

• The PT8A9701 works as the encoder and the PT8A973/973L works as the decoder

• Seven output pins, 5 for forward, backward, left, right and turbo functions, and 2 functional keys

• Operation power supply for PT8A9701: 3V to 12V (with series resistor)

• Auto power-off if no key pressed (PT8A9701)

• Motor current limit to meet toy safety standard HD271 (PT8A973/973L)

• Low operating current

• On-chip oscillator with an external resistor

• On-chip reversing amplifiers

• Built-in 3.7V Zener (Vz) (PT8A973) and 3.1V Zener (Vz) (PT8A973L)

• Few external components needed

• Pin to pin compatible with TX6/RX6




Similar Part No. - PT8A9701

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT8A9701P PERICOM-PT8A9701P Datasheet
70Kb / 12P
8-Function Remote Controller
More results


Similar Description - PT8A9701

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SM-T2 SAMHOP-SM-T2 Datasheet
55Kb / 8P
REMOTE CONTROLLER WITH FIVE FUNCTION
logo
Pericom Semiconductor C...
PT8A974LP PERICOM-PT8A974LP Datasheet
70Kb / 12P
8-Function Remote Controller
logo
Unisonic Technologies
RCR03 UTC-RCR03 Datasheet
138Kb / 9P
3 FUNCTION DECODER FOR REMOTE CONTROLLER
logo
Pericom Semiconductor C...
PT8A977B PERICOM-PT8A977B Datasheet
156Kb / 11P
PT8A977B/9781 5-Function Remote Controller for 1V Micro Cars
logo
List of Unclassifed Man...
PT8A971AP ETC1-PT8A971AP Datasheet
65Kb / 10P
5-Function Remote Controller
logo
Pericom Semiconductor C...
PT8A977P PERICOM-PT8A977P Datasheet
97Kb / 12P
5-Function Remote Controller
logo
AAEON Technology
ACG-203 AAEON-ACG-203 Datasheet
119Kb / 1P
Supports Remote Display Function
ACG-204 AAEON-ACG-204 Datasheet
121Kb / 1P
Supports Remote Display Function
logo
Pericom Semiconductor C...
PT8A990A PERICOM-PT8A990A Datasheet
326Kb / 9P
9-Function Remote Controller
PT8A992A PERICOM-PT8A992A Datasheet
325Kb / 9P
10-Function Remote Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com