Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4126 Datasheet (PDF) - Analog Devices

LTC4126 Datasheet PDF - Analog Devices
Part # LTC4126
Download  LTC4126 Download
File Size   1871.35 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100mA Wireless Li-Ion Charger with Low Battery Disconnect

LTC4126 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4126 Datasheet PDF - Analog Devices

Part # LTC4126
Download  LTC4126 Click to download

File Size   1871.35 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 100mA Wireless Li-Ion Charger with Low Battery Disconnect

LTC4126 Datasheet (HTML) - Analog Devices


LTC4126 Product details

DESCRIPTION
The LTC®4124 is a simple high performance wireless Li-Ion charger with low battery disconnect. The pin-selectable charge current (up to 100mA) and charge voltage ensure versatility while minimizing the number of required external components.

FEATURES
■ Complete Wireless Power Receiver, Li-Ion Charger
   and PowerPath™ Controller
■ Wireless Input Power Control and Rectification
■ Wideband Wireless Power Frequency: DC to >10MHz
■ Pin-Selectable Charge Current:
   10mA/25mA/50mA/100mA
■ Pin-Selectable Charge Voltage: 4.0V/4.1V/4.2V/4.35V
■ Pin-Selectable Low Battery Disconnect: 2.7V/3.2V
■ Zero Battery Drain Current in Disconnect/Ship Mode
■ Pin-Selectable Low Battery Pre-Charge Current Enable
■ NTC Input for Temperature Qualified Charging
■ Safety Charge Termination Timer
■ Tiny Total Solution Size with Few Externals
■ Small Thermally Enhanced 12-lead
   2mm × 2mm LQFN Package

APPLICATIONS
■ Medical Wireless Sensors
■ Military Wearables
■ High End Wireless Headsets
■ Streaming Headsets with Bluetooth Connectivity
■ Virtual Reality Headsets
■ High End Remote Control
■ IoT Devices




Similar Part No. - LTC4126

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4126 AD-LTC4126 Datasheet
2Mb / 24P
7.5mA Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
02/20-REV.A
LTC4126 AD-LTC4126 Datasheet
1Mb / 24P
Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
LTC4126-10 AD-LTC4126-10 Datasheet
1Mb / 24P
Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
LTC4126-ADJ AD-LTC4126-ADJ Datasheet
1Mb / 24P
Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
LTC4126EV AD-LTC4126EV Datasheet
2Mb / 24P
7.5mA Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
02/20-REV.A
More results


Similar Description - LTC4126

ManufacturerPart #DatasheetDescription
logo
Kingbor Technology Co
KB4054 KINGBOR-KB4054 Datasheet
142Kb / 15P
Li-Ion Battery Charger
KB4540 KINGBOR-KB4540 Datasheet
151Kb / 15P
Li-Ion Battery Charger
logo
Intersil Corporation
ISL9205_0705 INTERSIL-ISL9205_0705 Datasheet
444Kb / 14P
Li-ion Battery Charger
May 16, 2007
logo
Linear Integrated Syste...
LTC4071 LINEAR-LTC4071 Datasheet
247Kb / 18P
Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Linear Technology
LTC4071 LINER-LTC4071_15 Datasheet
247Kb / 18P
Li-Ion/Polymer Shunt Battery Charger System with Low Battery Disconnect
logo
Intersil Corporation
ISL9205IRZ INTERSIL-ISL9205IRZ Datasheet
515Kb / 14P
Li-ion Battery Charger
July 28, 2010
logo
ACE Technology Co., LTD...
ACE4056P ACE-ACE4056P Datasheet
773Kb / 9P
100mA, Single Li-ion Battery Charger
VER 1.1
logo
Monolithic Power System...
MPQ5411 MPS-MPQ5411 Datasheet
970Kb / 21P
100mA sync regulator with Li-ion battery charger
logo
Renesas Technology Corp
ISL9205 RENESAS-ISL9205_V01 Datasheet
788Kb / 17P
Li-ion Battery Charger
Dec 20, 2018
logo
Hotchip Technology Co.,...
HT4906 HOTCHIP-HT4906 Datasheet
579Kb / 11P
Li-ion Battery Charger
Ver1.0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com