Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4125 Datasheet (PDF) - Analog Devices

LTC4125 Datasheet PDF - Analog Devices
Part # LTC4125
Download  LTC4125 Download
File Size   2414.47 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 7.5mA Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter

LTC4125 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC4125 Datasheet PDF - Analog Devices

Part # LTC4125
Download  LTC4125 Click to download

File Size   2414.47 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 7.5mA Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter

LTC4125 Datasheet (HTML) - Analog Devices


LTC4125 Product details

DESCRIPTION
The LTC®4126 is a low-power wireless single-cell Li-Ion battery charger with an integrated step-down DC/DC regulator. The step-down regulator is a low-noise multi-mode charge pump which is powered from the battery and provides a regulated 1.2V at the output. The switching frequency is set to either 50kHz or 75kHz depending on the mode to keep any switching noise out of the audible range.

FEATURES
■ Wireless Li-Ion Battery Charger Plus High
   Efficiency Multi-Mode Charge Pump DC/DC
■ Wideband Rx Frequency: DC to >10MHz
■ Integrated Rectifier with Overvoltage Limit
■ Pin Selectable Charge Voltage: 4.2V or 4.35V
■ Charge Current: 7.5mA (Fixed)
■ Low Battery Disconnect: 3.0V
■ NTC Pin for Temperature Qualified Charging
■ DC/DC Regulated Output: 1.2V
■ DC/DC Output Current: Up to 60mA
■ 50kHz/75kHz Switching, No Audible Noise
■ Pushbutton and/or Digital on/off Control for DC/DC
■ Thermally Enhanced 12-Lead 2mm × 2mm
   LQFN Package

APPLICATIONS
■ Hearing Aids
■ Low Power Li-Ion Powered Devices
■ Wireless Headsets
■ IoT Wearables




Similar Part No. - LTC4125

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4125 LINER-LTC4125 Datasheet
454Kb / 28P
5W AutoResonant Wireless Power Transmitter
logo
Analog Devices
LTC4125 AD-LTC4125 Datasheet
1Mb / 32P
Wireless Power Receiver and 400mA Buck Battery Charger
11/18-REV.G
LTC4125 AD-LTC4125 Datasheet
1Mb / 30P
100mA Wireless Li-Ion Charger with Low Battery Disconnect
LTC4125 AD-LTC4125 Datasheet
1Mb / 24P
Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
logo
Linear Technology
LTC4125EUFD LINER-LTC4125EUFD Datasheet
1Mb / 16P
Wireless Power Transfer Battery Charger Demonstration Kit
More results


Similar Description - LTC4125

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3455 LINER-LTC3455 Datasheet
516Kb / 24P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
Step-down DC/DC converter
logo
Linear Technology
LTC3455 LINER-LTC3455_15 Datasheet
343Kb / 28P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
LTC3455-1 LINER-LTC3455-1_15 Datasheet
343Kb / 28P
Dual DC/DC Converter with USB Power Manager and Li-Ion Battery Charger
logo
Texas Instruments
TPS57060-Q1 TI1-TPS57060-Q1_16 Datasheet
2Mb / 51P
Step-Down DC-DC Converter With
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
Step-Down DC-DC Converter
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
Step-Down DC-DC Converter
LM53625-Q1 TI1-LM53625-Q1_16 Datasheet
5Mb / 55P
Step-Down DC-DC Converter
logo
Richtek Technology Corp...
RT5021 RICHTEK-RT5021 Datasheet
1Mb / 67P
Channels DC/DC PMU with Li-ion Battery Charger
logo
Analog Devices
LTC4126-ADJ AD-LTC4126-ADJ Datasheet
1Mb / 24P
Wireless Li-Ion Charger with 1.2V Step-Down DC/DC Converter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com