Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HM62W8511HC Datasheet (PDF) - Renesas Technology Corp

HM62W8511HC Datasheet PDF - Renesas Technology Corp
Part # HM62W8511HC
Download  HM62W8511HC Download
File Size   171.36 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4M High Speed SRAM (512-kword x 8-bit)

HM62W8511HC Datasheet (PDF)

Go To PDF Page Download Datasheet
HM62W8511HC Datasheet PDF - Renesas Technology Corp

Part # HM62W8511HC
Download  HM62W8511HC Click to download

File Size   171.36 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4M High Speed SRAM (512-kword x 8-bit)

HM62W8511HC Datasheet (HTML) - Renesas Technology Corp


HM62W8511HC Product details

Description
The HM62W8511HC is a 4-Mbit high speed static RAM organized 512-kword × 8-bit. It has realized high speed access time by employing CMOS process (6-transistor memory cell) and high speed circuit designing technology. It is most appropriate for the application which requires high speed, high density memory and wide bit width configuration, such as cache and buffer memory in system. The HM62W8511HC is packaged in 400-mil 36-pin SOJ for high density surface mounting.

Features
• Single supply : 3.3 V ± 0.3 V
• Access time : 10/12 ns (max)
• Completely static memory
    - No clock or timing strobe required
• Equal access and cycle times
• Directly TTL compatible
    - All inputs and outputs
• Operating current : 115/100 mA (max)
• TTL standby current : 40 mA (max)
• CMOS standby current : 5 mA (max) : 1 mA (max) (L-version)
• Data retention current : 0.6 mA (max) (L-version)
• Data retention voltage : 2 V (min) (L-version)
• Center VCC and VSS type pin out




Similar Part No. - HM62W8511HC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W8511HC HITACHI-HM62W8511HC Datasheet
66Kb / 14P
4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HCJP-10 HITACHI-HM62W8511HCJP-10 Datasheet
66Kb / 14P
4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HCLJP-10 HITACHI-HM62W8511HCLJP-10 Datasheet
66Kb / 14P
4M High Speed SRAM (512-kword x 8-bit)
More results


Similar Description - HM62W8511HC

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM628511H HITACHI-HM628511H Datasheet
75Kb / 13P
4M High Speed SRAM (512-kword x 8-bit)
HM628511HC HITACHI-HM628511HC Datasheet
69Kb / 14P
4M High Speed SRAM (512-kword x 8-bit)
HM628511HI HITACHI-HM628511HI Datasheet
64Kb / 13P
4M High Speed SRAM (512-kword x 8-bit)
HM62W8511H HITACHI-HM62W8511H Datasheet
74Kb / 13P
4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HC HITACHI-HM62W8511HC Datasheet
66Kb / 14P
4M High Speed SRAM (512-kword x 8-bit)
HM62W8511HI HITACHI-HM62W8511HI Datasheet
63Kb / 13P
4M High Speed SRAM (512-kword x 8-bit)
HM628512ALFP-5 HITACHI-HM628512ALFP-5 Datasheet
552Kb / 18P
4M SRAM (512 KWORD X 8 BIT)
logo
Renesas Technology Corp
R1RW0408D RENESAS-R1RW0408D Datasheet
86Kb / 14P
4M High Speed SRAM (512-kword x 8-bit)
R1LV0408C-C RENESAS-R1LV0408C-C Datasheet
97Kb / 14P
4M SRAM (512-kword X 8-bit)
R1RP0408DI RENESAS-R1RP0408DI_15 Datasheet
102Kb / 14P
R1RP0408DI_15 4M High Speed SRAM (512-kword 횞 8-bit)
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com