Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UA0U50HM Datasheet (PDF) - Microsemi Corporation

UA0U50HM Datasheet PDF - Microsemi Corporation
Part # UA0U50HM
Download  UA0U50HM Download
File Size   546.63 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 10MHz - 50GHz High Gain Power Amplifier

UA0U50HM Datasheet (PDF)

Go To PDF Page Download Datasheet
UA0U50HM Datasheet PDF - Microsemi Corporation

Part # UA0U50HM
Download  UA0U50HM Click to download

File Size   546.63 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 10MHz - 50GHz High Gain Power Amplifier

UA0U50HM Datasheet (HTML) - Microsemi Corporation




Similar Part No. - UA0U50HM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UA0115 ETC-UA0115 Datasheet
427Kb / 1P
USB3.0 HDD Enclosure for 2.5
More results


Similar Description - UA0U50HM

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1217 LINER-LT1217 Datasheet
239Kb / 8P
Low Power 10MHz Current Feedback Amplifier
logo
Silicon Storage Technol...
SST12LP14A SST-SST12LP14A Datasheet
405Kb / 18P
2.4 GHz High-Power, High-Gain Power Amplifier
SST12LP18E SST-SST12LP18E Datasheet
236Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
logo
Microchip Technology
SST12LP07A-QXBE MICROCHIP-SST12LP07A-QXBE Datasheet
46Kb / 2P
2.4 GHz High-Power, High-Gain Power Amplifier
10/11
logo
Pasternack Enterprises,...
PE15A5001 PASTERNACK-PE15A5001 Datasheet
476Kb / 6P
High Power High Gain Amplifier, SMA
logo
Linear Technology
LT1217 LINER-LT1217_15 Datasheet
221Kb / 8P
Low Power 10MHz Current Feedback Amplifier
logo
RF Micro Devices
RFDA0045 RFMD-RFDA0045 Datasheet
1Mb / 10P
DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER 10MHZ TO 850MHZ
logo
Analog Devices
HMC1127 AD-HMC1127 Datasheet
390Kb / 16P
MMIC, High Gain Power Amplifier
Jan-2018
logo
Microsemi Corporation
UA2V50HM MICROSEMI-UA2V50HM Datasheet
514Kb / 4P
2 - 50GHz High Gain Power Amplifier
logo
Renesas Technology Corp
F1240 RENESAS-F1240 Datasheet
15Mb / 35P
Dual Channel IF Digital Variable Gain Amplifier 10MHz to 500MHz
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com