Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD16364 Datasheet (PDF) - NEC

UPD16364 Datasheet PDF - NEC
Part # UPD16364
Download  UPD16364 Download
File Size   108.14 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 160-BIT HIGH-VOLTAGE CMOS DRIVER

UPD16364 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPD16364 Datasheet PDF - NEC

Part # UPD16364
Download  UPD16364 Click to download

File Size   108.14 Kbytes
Page   16 Pages
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC
Description 160-BIT HIGH-VOLTAGE CMOS DRIVER

UPD16364 Datasheet (HTML) - NEC


UPD16364 Product details

DESCRIPTION

The µ PD16364 is a high-voltage CMOS driver for EL display. It consists of 4 ×40/8 ×20-bit data latch, 160-bits data latch, 160-bit level shifter, and a high-voltage CMOS driver. The logic circuit operates on 5-V power supply (CMOS level input), so that it can be connected to a micro-controller. The driver block is comprised of 60 V, 25 mA MAX. high-voltage output buffer, and both the logic block and driver block employ a CMOS, allowing operation with low power consumption.





FEATURES

• High-voltage Full CMOS process

• High-voltage output (60 V, 25 mA MAX.)

• 4 × 40/8 × 20-bit data latch (4/8-bit data input)

• High-speed data transfer (fCLK= 16 MHz: in cascade connection)

• Wide operating temperature range (TA= −40 to +85°C)




Similar Part No. - UPD16364

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD16364 RENESAS-UPD16364 Datasheet
229Kb / 18P
MOS INTEGRATED CIRCUIT
1999
More results


Similar Description - UPD16364

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
NEC
UPD16306A NEC-UPD16306A Datasheet
524Kb / 15P
64-BIT HIGH-VOLTAGE CMOS DRIVER
logo
Holt Integrated Circuit...
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
CMOS High Voltage Display Driver
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
CMOS HIGH VOLTAGE DISPLAY DRIVER
logo
Renesas Technology Corp
PD16364 RENESAS-PD16364_15 Datasheet
229Kb / 18P
160-BIT HIGH-VOLTAGE CMOS DRIVER
logo
Holt Integrated Circuit...
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
CMOS High Voltage Display Driver
More results




About NEC


NEC Corporation is a Japanese multinational information technology and electronics company. The company was founded in 1899 and is headquartered in Tokyo, Japan. NEC provides a wide range of products and services including information technology, telecommunications, and electronics. Its portfolio includes computer hardware, software, and services, network solutions, display solutions, and enterprise servers and storage solutions.

NEC is known for its expertise in the field of information technology and its ability to deliver innovative and high-quality products and services. The company has operations and facilities in various countries across the world and has a strong presence in the Asia-Pacific region. NEC works closely with its customers to provide customized solutions that meet their specific requirements and needs.

In addition to its core business, NEC is also active in the fields of research and development, and is involved in various projects related to advanced technologies such as artificial intelligence, 5G networks, and the Internet of Things (IoT). NEC is committed to delivering sustainable solutions that support the development of society and improve the quality of life for people around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com