Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MLL4103D Datasheet (PDF) - Microsemi Corporation

MLL4103D Datasheet PDF - Microsemi Corporation
Part # MLL4103D
Download  MLL4103D Download
File Size   189.46 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description GLASS SURFACE MOUNT 0.5 WATT ZENERS

MLL4103D Datasheet (PDF)

Go To PDF Page Download Datasheet
MLL4103D Datasheet PDF - Microsemi Corporation

Part # MLL4103D
Download  MLL4103D Click to download

File Size   189.46 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description GLASS SURFACE MOUNT 0.5 WATT ZENERS

MLL4103D Datasheet (HTML) - Microsemi Corporation


MLL4103D Product details

DESCRIPTION

The 1N4099UR thru 1N4135UR and 1N4614UR thru 1N4627UR series of 0.5 watt glass surface mount DO-213AA Zener voltage regulators provides a selection from 1.8 to 100 volts in standard 5% tolerances as well as tighter tolerances identified by different suffix letters on the part number. These are also available with an internal-metallurgical-bond option by adding a “-1” suffix (see separate data sheet) including JAN, JANTX, and JANTXV military qualifications. Microsemi also offers numerous other Zener products to meet higher and lower power applications.



FEATURES

• Surface mount equivalent to JEDEC registered 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series

• Internal metallurgical bond option available by adding a “-1” suffix that also includes JAN, JANTX, and JANTXV qualifications per MIL-PRF-19500/435 (see separate data sheet for same part numbers with “-1” suffix)

• DO-7 or DO-35 glass body axial-leaded Zener equivalents also available per JEDEC registration (see separate data sheet for part numbers 1N4099 thru 1N4135 and 1N4614 thru 1N4627 series



APPLICATIONS / BENEFITS

• Regulates voltage over a broad operating current and temperature range

• Extensive selection from 1.8 to 100 V

• Standard voltage tolerances are plus/minus 5% with no suffix

• Tight tolerances available in plus or minus 2% or 1% with C or D suffix respectively

• Hermetically sealed surface mount package

• Nonsensitive to ESD per MIL-STD-750 Method 1020

• Minimal capacitance (see Figure 3)

• Inherently radiation hard as described in Microsemi MicroNote 050



 




Similar Part No. - MLL4103D

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MLL4103 MICROSEMI-MLL4103 Datasheet
83Kb / 2P
LEADLESS GLASS ZENER DIODES
More results


Similar Description - MLL4103D

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
Series Half Watt Zeners
1N4752A FAIRCHILD-1N4752A Datasheet
22Kb / 2P
One Watt Zeners
IN746A FAIRCHILD-IN746A Datasheet
21Kb / 2P
Half Watt Zeners
logo
Vaishali Semiconductor
ZGL41-100 VAISH-ZGL41-100 Datasheet
25Kb / 2P
Surface Mount Glass Passivated Zeners
logo
Microsemi Corporation
1N5913BUR-1 MICROSEMI-1N5913BUR-1 Datasheet
191Kb / 3P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.5 WATT ZENERS
logo
Digitron Semiconductors
UZ5706 DIGITRON-UZ5706 Datasheet
265Kb / 3P
POWER ZENERS 5 WATT
logo
DIYI Electronic Technol...
G1AN DYELEC-G1AN Datasheet
1Mb / 2P
0.5 AMP SURFACE MOUNT GLASS RECOVERY RECTIFIER
logo
National Semiconductor ...
1N759A NSC-1N759A Datasheet
21Kb / 1P
Half Watt Zeners
logo
Microsemi Corporation
1N5221BUR-1 MICROSEMI-1N5221BUR-1 Datasheet
405Kb / 6P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 500 mW ZENERS
Rev. 1
1N4728UR-1 MICROSEMI-1N4728UR-1 Datasheet
132Kb / 5P
METALLURGICALLY BONDED GLASS SURFACE MOUNT 1.0 W ZENERS
REV A
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com