Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS240 Datasheet (PDF) - Semikron International

SMS240 Datasheet PDF - Semikron International
Part # SMS240
Download  SMS240 Download
File Size   139.38 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Schottky barrier rectifiers diodes

SMS240 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMS240 Datasheet PDF - Semikron International

Part # SMS240
Download  SMS240 Click to download

File Size   139.38 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Schottky barrier rectifiers diodes

SMS240 Datasheet (HTML) - Semikron International


SMS240 Product details

Forward Current: 2 A
Reverse Voltage: 20 to 100 V

Features
● Max. solder temperature: 260°C
● Plastic meterial has UL classification 94V-0




Similar Part No. - SMS240

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SMS240 DIOTEC-SMS240 Datasheet
171Kb / 2P
Surface Mount Schottky-Rectifiers
SMS240 DIOTEC-SMS240 Datasheet
106Kb / 2P
Surface Mount Schottky Rectifiers
logo
Semikron International
SMS240 SEMIKRON-SMS240 Datasheet
143Kb / 2P
Schottky barrier rectifiers diodes
logo
Diotec Semiconductor
SMS240 DIOTEC-SMS240 Datasheet
112Kb / 2P
Surface Mount Schottky Rectifier Diodes
logo
Shenzhen Luguang Electr...
SMS240 LUGUANG-SMS240 Datasheet
211Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Similar Description - SMS240

ManufacturerPart #DatasheetDescription
logo
Semikron International
SB320 SEMIKRON-SB320 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
1N5817 SEMIKRON-1N5817_07 Datasheet
131Kb / 2P
Schottky barrier rectifiers diodes
SB220 SEMIKRON-SB220_07 Datasheet
133Kb / 2P
Schottky barrier rectifiers diodes
SB320 SEMIKRON-SB320_07 Datasheet
137Kb / 2P
Schottky barrier rectifiers diodes
SM5817 SEMIKRON-SM5817_07 Datasheet
137Kb / 2P
Schottky barrier rectifiers diodes
SK22 SEMIKRON-SK22 Datasheet
146Kb / 2P
Schottky barrier rectifiers diodes
SK32 SEMIKRON-SK32_07 Datasheet
149Kb / 2P
Schottky barrier rectifiers diodes
SB1220TL SEMIKRON-SB1220TL Datasheet
381Kb / 2P
Schottky barrier rectifiers diodes
SB2020TL SEMIKRON-SB2020TL Datasheet
366Kb / 2P
Schottky barrier rectifiers diodes
SB3020 SEMIKRON-SB3020 Datasheet
523Kb / 2P
Schottky barrier rectifiers diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com