Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US3G Datasheet (PDF) - Semikron International

US3G Datasheet PDF - Semikron International
Part # US3G
Download  US3G Download
File Size   179.06 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Ultra silicon rectifier diodes

US3G Datasheet (PDF)

Go To PDF Page Download Datasheet
US3G Datasheet PDF - Semikron International

Part # US3G
Download  US3G Click to download

File Size   179.06 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Ultra silicon rectifier diodes

US3G Datasheet (HTML) - Semikron International


US3G Product details

Forward Current: 3 A
Reverse Voltage: 50 to 1200 V

Features
● Max. solder temperature: 260°C
● Plastic material has UL classifications 94V-0




Similar Part No. - US3G

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US3G SSE-US3G Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
US3G DIOTEC-US3G Datasheet
164Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
US3G DIOTEC-US3G Datasheet
69Kb / 2P
Ultrafast Switching Surface Mount Si-Diodes
logo
Semikron International
US3G SEMIKRON-US3G Datasheet
201Kb / 2P
Ultrafast silicon rectifier diodes
logo
MIC GROUP RECTIFIERS
US3G MIC-US3G Datasheet
62Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results


Similar Description - US3G

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
11DF1 EIC-11DF1 Datasheet
38Kb / 2P
ULTRA FAST RECTIFIER DIODES
logo
SUNMATE electronic Co.,...
RGL41A SUNMATE-RGL41A Datasheet
426Kb / 2P
ULTRA FAST RECTIFIER DIODES
UF3001 SUNMATE-UF3001 Datasheet
274Kb / 2P
ULTRA FAST RECTIFIER DIODES
UFM11PL SUNMATE-UFM11PL Datasheet
340Kb / 2P
ULTRA FAST RECOVERY SILICON RECTIFIER DIODES
logo
GETAI ELECTRONICS DEVIC...
2CL500 GETEDZ-2CL500_17 Datasheet
516Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
American Microsemicondu...
AMS-FOB AMMSEMI-AMS-FOB Datasheet
334Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
GH05U08J GETEDZ-GH05U08J Datasheet
506Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U10J GETEDZ-GH05U10J Datasheet
506Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U12J GETEDZ-GH05U12J Datasheet
505Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
GH05U15J GETEDZ-GH05U15J Datasheet
505Kb / 2P
Ultra-Fast Recovery High Voltage Silicon Rectifier Diodes
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com