Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAA2016D Datasheet (PDF) - ON Semiconductor

UAA2016D Datasheet PDF - ON Semiconductor
Part # UAA2016D
Download  UAA2016D Download
File Size   129.01 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ZERO VOLTAGE SWITCH POWER CONTROLLER

UAA2016D Datasheet (PDF)

Go To PDF Page Download Datasheet
UAA2016D Datasheet PDF - ON Semiconductor

Part # UAA2016D
Download  UAA2016D Click to download

File Size   129.01 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ZERO VOLTAGE SWITCH POWER CONTROLLER

UAA2016D Datasheet (HTML) - ON Semiconductor


UAA2016D Product details

Zero Voltage Switch Power Controller



The UAA2016 is designed to drive triacs with the Zero Voltage technique which allows RFI−free power regulation of resistive loads. Operating directly on the AC power line, its main application is the precision regulation of electrical heating systems such as panel heaters or irons.

A built−in digital sawtooth waveform permits proportional temperature regulation action over a ±1°C band around the set point. For energy savings there is a programmable temperature reduction function, and for security a sensor failsafe inhibits output pulses when the sensor connection is broken. Preset temperature (i.e. defrost) application is also possible. In applications where high hysteresis is needed, its value can be adjusted up to 5°C around the set point. All these features are implemented with a very low external component count.



Features

• Zero Voltage Switch for Triacs, up to 2.0 kW (MAC212A8)

• Direct AC Line Operation

• Proportional Regulation of Temperature over a 1°C Band

• Programmable Temperature Reduction

• Preset Temperature (i.e. Defrost)

• Sensor Failsafe

• Adjustable Hysteresis

• Low External Component Count

• Pb−Free Packages are Available



 




Similar Part No. - UAA2016D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UAA2016D ONSEMI-UAA2016D Datasheet
103Kb / 12P
Zero Voltage Switch Power Controller
January, 2006 ??Rev. 9
UAA2016DG ONSEMI-UAA2016DG Datasheet
103Kb / 12P
Zero Voltage Switch Power Controller
January, 2006 ??Rev. 9
More results


Similar Description - UAA2016D

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
CA3059 MOTOROLA-CA3059 Datasheet
119Kb / 6P
ZERO VOLTAGE SWITCH
UAA2016 MOTOROLA-UAA2016 Datasheet
135Kb / 8P
ZERO VOLTAGE SWITCH POWER CONTROLLER
logo
ON Semiconductor
CA3059 ONSEMI-CA3059 Datasheet
79Kb / 8P
Zero Voltage Switch
August, 2001 ??Rev. 1
logo
List of Unclassifed Man...
SL443A ETC-SL443A Datasheet
164Kb / 4P
ZERO VOLTAGE SWITCH
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
ZERO VOLTAGE CONTROLLER
MC3370P MOTOROLA-MC3370P Datasheet
155Kb / 3P
ZERO VOLTAGE SWITCH
logo
Unisonic Technologies
A2804 UTC-A2804 Datasheet
39Kb / 4P
ZERO VOLTAGE SWITCH
logo
Zarlink Semiconductor I...
SL441C ZARLINK-SL441C Datasheet
92Kb / 5P
ZERO VOLTAGE SWITCH
logo
ON Semiconductor
CA3059 ONSEMI-CA3059_06 Datasheet
181Kb / 6P
Zero Voltage Switch
July, 2006 ??Rev. 2
UAA2016 ONSEMI-UAA2016_06 Datasheet
103Kb / 12P
Zero Voltage Switch Power Controller
January, 2006 ??Rev. 9
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com