Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

78S40 Datasheet (PDF) - ON Semiconductor

78S40 Datasheet PDF - ON Semiconductor
Part # 78S40
Download  78S40 Download
File Size   124.65 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description UNIVERSAL SWITCHING REGULATOR SUBSYSTEM

78S40 Datasheet (PDF)

Go To PDF Page Download Datasheet
78S40 Datasheet PDF - ON Semiconductor

Part # 78S40
Download  78S40 Click to download

File Size   124.65 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description UNIVERSAL SWITCHING REGULATOR SUBSYSTEM

78S40 Datasheet (HTML) - ON Semiconductor


78S40 Product details

The µA78S40 is a switching regulator subsystem, consisting of a temperature compensated voltage reference, controlled–duty cycle oscillator with an active current limit circuit, comparator, high–current and high–voltage output switch, capable of 1.5 A and 40 V, pinned–out power diode and an uncommitted operational amplifier, which can be powered up or down independent of the IC supply.

• Output Adjustable from 1.25 V to 40 V
• Peak Output Current of 1.5 A Without External Transistor
• 80 dB Line and Load Regulation
• Operation from 2.5 V to 40 V Supply
• Low Standby Current Drain
• High Gain, High Output Current, Uncommitted Op Amp




Similar Part No. - 78S40

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
78S40 NSC-78S40 Datasheet
289Kb / 10P
Universal Switching Regulator Subsystem
More results


Similar Description - 78S40

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM78S40 NSC-LM78S40 Datasheet
289Kb / 10P
Universal Switching Regulator Subsystem
logo
Allegro MicroSystems
STR-A6153E ALLEGRO-STR-A6153E Datasheet
192Kb / 7P
Universal-Input/20 W Flyback Switching Regulator
STR-A6169 ALLEGRO-STR-A6169 Datasheet
194Kb / 7P
Universal-Input/5 W Flyback Switching Regulator
STR-A6251M ALLEGRO-STR-A6251M Datasheet
327Kb / 7P
Universal-Input/15 W 67 kHz Flyback Switching Regulator
STR-W6756 ALLEGRO-STR-W6756 Datasheet
194Kb / 8P
Universal-Input/140 W Off-Line Quasi-Resonant Flyback Switching Regulator
logo
Motorola, Inc
MC13109A MOTOROLA-MC13109A Datasheet
741Kb / 28P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
MC13109 MOTOROLA-MC13109 Datasheet
381Kb / 28P
Universal Cordless Telephone Subsystem IC
MC13110A MOTOROLA-MC13110A Datasheet
1Mb / 68P
UNIVERSAL CORDLESS TELEPHONE SUBSYSTEM IC
logo
Texas Instruments
LM78S40 TI-LM78S40_15 Datasheet
322Kb / 14P
Universal Switching Regulator Subsystem
LM78S40 TI1-LM78S40 Datasheet
343Kb / 14P
Universal Switching Regulator Subsystem
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com