Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC5004F Datasheet (PDF) - Semikron International

KBPC5004F Datasheet PDF - Semikron International
Part # KBPC5004F
Download  KBPC5004F Download
File Size   225.02 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Silicon-Bridge Rectifiers

KBPC5004F Datasheet (PDF)

Go To PDF Page Download Datasheet
KBPC5004F Datasheet PDF - Semikron International

Part # KBPC5004F
Download  KBPC5004F Click to download

File Size   225.02 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Silicon-Bridge Rectifiers

KBPC5004F Datasheet (HTML) - Semikron International


KBPC5004F Product details

Forward Current: 50 A
Reverse Voltage: 50 to 1200 V

Features
• max. solder temperature 260°C, max. 5s
• UL recognized, file no. E63532
• Standard packaging: bulk
• VISO > 2500 VISO




Similar Part No. - KBPC5004F

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
KBPC5004F DIOTEC-KBPC5004F Datasheet
130Kb / 2P
Silicon-Bridge Rectifiers
KBPC5004F DIOTEC-KBPC5004F Datasheet
102Kb / 2P
Silicon-Bridge-Rectifiers
logo
Semikron International
KBPC5004F/W SEMIKRON-KBPC5004F/W Datasheet
228Kb / 2P
Silicon-Bridge Rectifiers
logo
Diotec Semiconductor
KBPC5004FP DIOTEC-KBPC5004FP Datasheet
223Kb / 2P
Silicon-Bridge-Rectifiers
KBPC5004FP DIOTEC-KBPC5004FP Datasheet
220Kb / 2P
Silicon-Bridge-Rectifiers
More results


Similar Description - KBPC5004F

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
GBI15A DIOTEC-GBI15A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBI25A DIOTEC-GBI25A Datasheet
75Kb / 2P
Silicon-Bridge Rectifiers
GBS4A DIOTEC-GBS4A Datasheet
146Kb / 2P
Silicon-Bridge Rectifiers
GBU6A DIOTEC-GBU6A Datasheet
168Kb / 2P
Silicon-Bridge Rectifiers
GBU12A DIOTEC-GBU12A Datasheet
187Kb / 2P
Silicon-Bridge Rectifiers
KBPC2500FW DIOTEC-KBPC2500FW Datasheet
153Kb / 2P
Silicon-Bridge Rectifiers
B125C2300-1500 DIOTEC-B125C2300-1500 Datasheet
62Kb / 2P
Silicon-Bridge Rectifiers
logo
Semikron International
GBU6A SEMIKRON-GBU6A Datasheet
221Kb / 2P
Silicon-Bridge Rectifiers
B40C3200-2200 SEMIKRON-B40C3200-2200 Datasheet
170Kb / 2P
Silicon-Bridge Rectifiers
B40C7000-4000 SEMIKRON-B40C7000-4000 Datasheet
178Kb / 2P
Silicon-Bridge Rectifiers
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com