Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB6S Datasheet (PDF) - Semikron International

MB6S Datasheet PDF - Semikron International
Part # MB6S
Download  MB6S Download
File Size   205.5 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Surface Mount Si-Bridge Rectifiers

MB6S Datasheet (PDF)

Go To PDF Page Download Datasheet
MB6S Datasheet PDF - Semikron International

Part # MB6S
Download  MB6S Click to download

File Size   205.5 Kbytes
Page   2 Pages
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International
Description Surface Mount Si-Bridge Rectifiers

MB6S Datasheet (HTML) - Semikron International


MB6S Product details

Forward Current: 0,8 A
Reverse Voltage: 80 to 600 V

Features
● max. solder temperature 260°C, max. 5s
● Epoxy material has UL - classification 94V-0
● Silicon Passivated




Similar Part No. - MB6S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MB6S FAIRCHILD-MB6S Datasheet
140Kb / 3P
0.5 Ampere Glass Passivated Bridge Rectifiers
logo
General Semiconductor
MB6S GE-MB6S Datasheet
227Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Micro Commercial Compon...
MB6S MCC-MB6S Datasheet
51Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
MB6S BILIN-MB6S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
MB6S TAITRON-MB6S Datasheet
145Kb / 4P
0.5A Surface Mount Bridge Rectifier
More results


Similar Description - MB6S

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MYS40 DIOTEC-MYS40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
S40 DIOTEC-S40 Datasheet
139Kb / 2P
Surface Mount Si-Bridge Rectifiers
B40S DIOTEC-B40S Datasheet
140Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Semikron International
B40S SEMIKRON-B40S Datasheet
164Kb / 2P
Surface Mount Si-Bridge Rectifiers
S40 SEMIKRON-S40 Datasheet
156Kb / 2P
Surface Mount Si-Bridge Rectifiers
logo
Diotec Semiconductor
B40S2A DIOTEC-B40S2A Datasheet
119Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MYS40 DIOTEC-MYS40_07 Datasheet
117Kb / 2P
Surface Mount Si-Bridge-Rectifiers
S40 DIOTEC-S40_07 Datasheet
114Kb / 2P
Surface Mount Si-Bridge-Rectifiers
B40S DIOTEC-B40S_06 Datasheet
121Kb / 2P
Surface Mount Si-Bridge-Rectifiers
MS40 DIOTEC-MS40_11 Datasheet
130Kb / 2P
Surface Mount Si-Bridge-Rectifiers
More results




About Semikron International


Semikron International GmbH is a German manufacturer of power electronics components, including diodes, thyristors, and power modules.

The company was founded in 1951 and has since become a leading supplier of power electronics solutions for applications in industries such as renewable energy, industrial automation, and electric vehicles, among others.

Semikron has a global presence with subsidiaries and sales offices in many countries around the world.

The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the power electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com