Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7000 Datasheet (PDF) - Analog Devices

LTC7000 Datasheet PDF - Analog Devices
Part # LTC7000
Download  LTC7000 Download
File Size   1948.77 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast 150V Protected High Side NMOS Static Switch Driver

LTC7000 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC7000 Datasheet PDF - Analog Devices

Part # LTC7000
Download  LTC7000 Click to download

File Size   1948.77 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Fast 150V Protected High Side NMOS Static Switch Driver

LTC7000 Datasheet (HTML) - Analog Devices


LTC7000 Product details

DESCRIPTION
The LTC®7000/LTC7000-1 is a fast high side N-channel MOSFET gate driver that operates from input voltages up to 135V. It contains an internal charge pump that fully enhances an external N-channel MOSFET switch, allowing it to remain on indefinitely.

FEATURES
■ Wide Operating VIN: 3.5V to 135V (150V Abs Max)
■ 1Ω Pull-Down, 2.2Ω Pull-Up for Fast Turn-On and Turn-Off Times with 35ns Propagation Delays
■ Internal Charge Pump for 100% Duty Cycle
■ Short-Circuit Protected
■ Adjustable Current Trip Threshold (LTC7000)
■ Current Monitor Output (LTC7000)
■ Automatic Restart Timer
■ Open-Drain Fault Flag
■ Adjustable Turn-On Slew Rate
■ Gate Driver Supply from 3.5V to 15V
■ Adjustable VIN Undervoltage and Overvoltage Lockouts (LTC7000)
■ Adjustable Driver Supply VCC Undervoltage Lockout
■ Low Shutdown Current: 1µA
■ CMOS Compatible Input
■ Thermally Enhanced, High Voltage Capable 16-Lead MSOP Packages
■ AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
■ Static Switch Driver
■ Load and Supply Switch Driver
■ Electronic Valve Driver
■ High Frequency High Side Gate Driver




Similar Part No. - LTC7000

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC7000 LINER-LTC7000 Datasheet
1Mb / 28P
Fast 150V Protected High Side NMOS Static Switch Driver
LTC7000-1 LINER-LTC7000-1 Datasheet
1Mb / 28P
Fast 150V Protected High Side NMOS Static Switch Driver
logo
Analog Devices
LTC7000A AD-LTC7000A Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
Rev. 0
LTC7000ARMSE-1PBF AD-LTC7000ARMSE-1PBF Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
Rev. 0
LTC7000ARMSE-1TRPBF AD-LTC7000ARMSE-1TRPBF Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
Rev. 0
More results


Similar Description - LTC7000

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BTS41K0S-ME-N INFINEON-BTS41K0S-ME-N Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.1, 2012-05-08
ITS4200S-SJ-D INFINEON-ITS4200S-SJ-D Datasheet
1Mb / 22P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-P INFINEON-ITS4200S-ME-P Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4200S-ME-O INFINEON-ITS4200S-ME-O Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
ITS4100S-SJ-N INFINEON-ITS4100S-SJ-N Datasheet
1Mb / 20P
Smart High-Side NMOS-Power Switch
Rev 1.0, 2012-09-01
logo
Linear Technology
LTC7000 LINER-LTC7000 Datasheet
1Mb / 28P
Fast 150V Protected High Side NMOS Static Switch Driver
LTC7001 LINER-LTC7001 Datasheet
1Mb / 16P
Fast 150V High Side NMOS Static Switch Driver
LTC7003 LINER-LTC7003 Datasheet
1Mb / 24P
Fast 60V Protected High Side NMOS Static Switch Driver
LTC7004 LINER-LTC7004 Datasheet
596Kb / 18P
Fast 60V High Side NMOS Static Switch Driver
logo
Analog Devices
LTC7000A AD-LTC7000A Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
Rev. 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com