Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN-3442 Datasheet (PDF) - Schaffner International Ltd

FN-3442 Datasheet PDF - Schaffner International Ltd
Part # FN-3442
Download  FN-3442 Download
File Size   1532.4 Kbytes
Page   7 Pages
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd
Description 400 VAC 60 Hz Full Performance Passive Harmonic Filters

FN-3442 Datasheet (PDF)

Go To PDF Page Download Datasheet
FN-3442 Datasheet PDF - Schaffner International Ltd

Part # FN-3442
Download  FN-3442 Click to download

File Size   1532.4 Kbytes
Page   7 Pages
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd
Description 400 VAC 60 Hz Full Performance Passive Harmonic Filters

FN-3442 Datasheet (HTML) - Schaffner International Ltd




Similar Part No. - FN-3442

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-3440 SCHAFFNER-FN-3440 Datasheet
3Mb / 10P
Ecosine evo, 400 VAC 50 Hz Full Performance Passive Harmonic Filters
FN-3441 SCHAFFNER-FN-3441 Datasheet
7Mb / 10P
Ecosine evo, 400 VAC 50 Hz Passive Harmonic Filters
More results


Similar Description - FN-3442

ManufacturerPart #DatasheetDescription
logo
Schaffner International...
FN-3412 SCHAFFNER-FN-3412 Datasheet
473Kb / 5P
Ecosine 60 Hz Passive Harmonic Filters
FN-3413 SCHAFFNER-FN-3413 Datasheet
471Kb / 5P
Ecosine 60 Hz Passive Harmonic Filters
FN-3440 SCHAFFNER-FN-3440 Datasheet
3Mb / 10P
Ecosine evo, 400 VAC 50 Hz Full Performance Passive Harmonic Filters
FN-3441 SCHAFFNER-FN-3441 Datasheet
7Mb / 10P
Ecosine evo, 400 VAC 50 Hz Passive Harmonic Filters
FN-3472 SCHAFFNER-FN-3472 Datasheet
616Kb / 5P
Ecosine max, 400 VAC 60 Hz Full Performance Passive Harmonic Filters
FN-3473 SCHAFFNER-FN-3473 Datasheet
615Kb / 5P
Ecosine max, 400 VAC 60 Hz Economy Passive Harmonic Filters
FN-3480 SCHAFFNER-FN-3480 Datasheet
615Kb / 5P
480 VAC 50 Hz Full Performance Passive Harmonic Filters
FN-3481 SCHAFFNER-FN-3481 Datasheet
1Mb / 5P
480 VAC 50 Hz Economy Passive Harmonic Filters
FN-3482 SCHAFFNER-FN-3482 Datasheet
616Kb / 5P
480 VAC 60 Hz Full Performance Passive Harmonic Filters
FN-3483 SCHAFFNER-FN-3483 Datasheet
1Mb / 5P
480 VAC 60 Hz Economy Passive Harmonic Filters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com