Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1487AR Datasheet (PDF) - Analog Devices

ADM1487AR Datasheet PDF - Analog Devices
Part # ADM1487AR
Download  ADM1487AR Download
File Size   387.5 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low Power RS-485/RS-422 Transceiver with Low EMI and /-10kV ESD Protection

ADM1487AR Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM1487AR Datasheet PDF - Analog Devices

Part # ADM1487AR
Download  ADM1487AR Click to download

File Size   387.5 Kbytes
Page   8 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultra-Low Power RS-485/RS-422 Transceiver with Low EMI and /-10kV ESD Protection

ADM1487AR Datasheet (HTML) - Analog Devices


ADM1487AR Product details

GENERAL DESCRIPTION
The ADM1487 is an ultra-low power RS-485/RS-422 transceiver consisting of one driver and one receiver per package. Quiescent operating current is typically 80µA and 1µA in shutdown mode. The driver and receiver both have three-state outputs. This allows multiple drivers to be connected to an RS-485/RS-422 bus, or several receiver outputs to be connected to a serial data bus. The driver will maintain a high-impedance output state even with power off, while the receiver features fail-safe operation that guarantees a logic high output if the inputs are left open-circuit.

FEATURES
   Low Power - 120µA Max ICC with Driver Disabled
   High Input Impedance — Up to 256 Transceivers on Bus
   Low-Current (1µA) Shutdown Mode
   Slew Rate Control for Error-Free Data
   Transmission and Low EMI
   ±10kV ESD Protection (Human Body Model) on
   RS-485 I/O pins
   Thermal Protection of Driver
   Glitch-Free Driver Power-Up Allows Hot Connection
   Driver Maintains High Output Impedance with Power
   Off
   Wide Common-Mode Range Allows ±7V Ground Differences Between Devices
   Pin-Compatible with Industry Standard 75176

APPLICATIONS
   Battery-Powered RS-485/RS-422 Systems
   Level Translation




Similar Part No. - ADM1487AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1487E AD-ADM1487E Datasheet
399Kb / 16P
5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM1487E AD-ADM1487E Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM1487EARZ AD-ADM1487EARZ Datasheet
399Kb / 16P
5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
REV. 0
ADM1487EARZ AD-ADM1487EARZ Datasheet
285Kb / 16P
5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM1487EARZ AD-ADM1487EARZ Datasheet
141Kb / 1P
STANDARD RS-485 HALF-DUPLEX EVALUATION BOARD, EVAL-RS485HDEBZ
More results


Similar Description - ADM1487AR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
Low power RS-485/RS-422 transceiver
21-Mar-2006
ST75C176 STMICROELECTRONICS-ST75C176 Datasheet
301Kb / 13P
LOW POWER RS-485/RS-422 TRANSCEIVER
Jun-2003
ST485E STMICROELECTRONICS-ST485E Datasheet
265Kb / 13P
±5KV ESD PROTECTED, LOW POWER RS-485/RS-422 TRANSCEIVER
Sep-2003
ST485_068 STMICROELECTRONICS-ST485_068 Datasheet
306Kb / 19P
Low power RS-485/RS-422 transceiver
02-Aug-2006
ST485E STMICROELECTRONICS-ST485E_07 Datasheet
305Kb / 19P
±15KV ESD protected, low power RS-485/RS-422 transceiver
29-Jan-2007
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
LOW POWER RS-485/RS-422 TRANSCEIVER
04-May-2006
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
Low power RS-485/RS-422 transceiver
07-Feb-2008
logo
Analog Devices
ADM1487 AD-ADM1487_15 Datasheet
384Kb / 8P
Ultra-Low Power RS-485/RS-422 Transceiver
REV. PrC 08/02
logo
Exar Corporation
XR3160EIU-0A-EB EXAR-XR3160EIU-0A-EB Datasheet
365Kb / 23P
RS-232/RS-485/RS-422 TRANSCEIVER WITH 15KV ESD PROTECTION
logo
STMicroelectronics
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
Low power RS-485/RS-422 transceiver
07-Nov-2007
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com