Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D222 Datasheet (PDF) - List of Unclassifed Manufacturers

D222 Datasheet PDF - List of Unclassifed Manufacturers
Part # D222
Download  D222 Download
File Size   91.9 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Single & Dual Output Miniature, 2W SIP DC/DC Converters

D222 Datasheet (PDF)

Go To PDF Page Download Datasheet
D222 Datasheet PDF - List of Unclassifed Manufacturers

Part # D222
Download  D222 Click to download

File Size   91.9 Kbytes
Page   2 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Single & Dual Output Miniature, 2W SIP DC/DC Converters

D222 Datasheet (HTML) - List of Unclassifed Manufacturers


D222 Product details

Single & Dual Output Miniature, 2W SIP DC/DC Converters



Key Features:

•2W Output Power

•Miniature SIP Case

•Single & Dual Outputs

•1,000 VDC Isolation

•>1.12 MHour MTBF

•28 Standard Models

•Industry Standard Pin-Out




Similar Part No. - D222

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D222 MPD-D222 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
logo
Naina Semiconductor ltd...
D222-40 NAINA-D222-40 Datasheet
120Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
D222-40X NAINA-D222-40X Datasheet
120Kb / 2P
Standard Recovery Diodes (Stud and Lead Type)
logo
Seme LAB
D2220UK SEME-LAB-D2220UK Datasheet
16Kb / 2P
METAL GATE RF SILICON FET
D2221UK SEME-LAB-D2221UK Datasheet
17Kb / 2P
METAL GATE RF SILICON FET
More results


Similar Description - D222

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU300 MINMAX-MAU300 Datasheet
217Kb / 6P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
MSAU400 MINMAX-MSAU400 Datasheet
205Kb / 6P
2W, Miniature SMD, Single & Dual Output DC/DC Converters
MSLU400 MINMAX-MSLU400 Datasheet
188Kb / 7P
2W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D200 MPD-D200 Datasheet
219Kb / 2P
Single & Dual Output Miniature, 2W SIP DC/DC Converters
D200E MPD-D200E Datasheet
181Kb / 2P
Low Cost, 2W SIP Single & Dual Output DC/DC Converters
E200 MPD-E200 Datasheet
175Kb / 2P
Isolated, Single Output Ultra-Miniature, 2W SIP DC/DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
1W, Miniature SIP, Single & Dual Output DC/DC Converters
ADC300 MPSIND-ADC300 Datasheet
172Kb / 2P
2W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
MHI200DI5.7 MPD-MHI200DI5.7 Datasheet
645Kb / 3P
High Isolation, 2W SIP Single & Dual Output DC/DC Converters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com