Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM908E621 Datasheet (PDF) - Freescale Semiconductor, Inc

MM908E621 Datasheet PDF - Freescale Semiconductor, Inc
Part # MM908E621
Download  MM908E621 Download
File Size   719.24 Kbytes
Page   62 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror

MM908E621 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM908E621 Datasheet PDF - Freescale Semiconductor, Inc

Part # MM908E621
Download  MM908E621 Click to download

File Size   719.24 Kbytes
Page   62 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror

MM908E621 Datasheet (HTML) - Freescale Semiconductor, Inc


MM908E621 Product details

The 908E621 is an integrated single package solution that includes a high performance HC08 microcontroller with a SMARTMOS analog control IC. The HC08 includes flash memory, a timer, enhanced serial communications interface (ESCI), a 10 bit analog-to-digital converter (ADC), internal serial peripheral interface (SPI), and an internal clock generator module (ICG). The analog control die provides four half-bridge and three high side outputs with diagnostic functions, a Hall effect sensor input, analog inputs, voltage regulator, window watchdog, and local interconnect network (LIN) physical layer.
The single package solution, together with LIN, provides optimal application performance adjustments and space saving PCB design. It is well-suited for the control of automotive high end mirrors.

Features
• High performance M68HC908EY16 core
• 16 KB of on-chip flash memory, 512 B of RAM
• Two 16-bit, two-channel timers
• LIN physical layer interface
• Autonomous MCU watchdog / MCU supervision
• One analog input with switchable current source
• Four low RDS(ON) half-bridge outputs
• Three low RDS(ON) high side outputs
• Wake-up and 2 or 3-pin Hall effect sensor input
• 12 microcontroller I/Os
• Pb-free packaging designated by suffix codes EK




Similar Part No. - MM908E621

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MM908E621ACDWB FREESCALE-MM908E621ACDWB Datasheet
916Kb / 62P
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWB FREESCALE-MM908E621ACDWB Datasheet
1,013Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWB/R2 FREESCALE-MM908E621ACDWB/R2 Datasheet
1,019Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWBR2 FREESCALE-MM908E621ACDWBR2 Datasheet
916Kb / 62P
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E621ACDWBR2 FREESCALE-MM908E621ACDWBR2 Datasheet
1,013Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
More results


Similar Description - MM908E621

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MM908E624 MOTOROLA-MM908E624 Datasheet
453Kb / 32P
TRIPLE HIGH-SIDE SWITCH WITH EMBEDDED MCU AND LIN
logo
Freescale Semiconductor...
MM908E622 FREESCALE-MM908E622 Datasheet
732Kb / 63P
Integrated Quad Half-Bridge, Triple High-Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E425 FREESCALE-908E425 Datasheet
581Kb / 49P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E625 FREESCALE-908E625 Datasheet
628Kb / 48P
Integrated Quad Half H-Bridge with Power Supply, Embedded MCU, and LIN Serial Communication
908E621 FREESCALE-908E621_07 Datasheet
916Kb / 62P
Integrated Quad Half-Bridge and Triple High-Side with Embedded MCU and LIN for High End Mirror
MM908E621 FREESCALE-MM908E621_08 Datasheet
1,013Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
MM908E622 FREESCALE-MM908E622_08 Datasheet
1Mb / 66P
Integrated Quad Half-bridge, Triple High Side and EC Glass Driver with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_08 Datasheet
1,019Kb / 65P
Integrated Quad Half-bridge and Triple High Side with Embedded MCU and LIN for High End Mirror
908E621 FREESCALE-908E621_12 Datasheet
1Mb / 60P
Integrated Quad Half bridge and Triple High Side Embedded MCU and LIN for High End Mirror
908E622 FREESCALE-908E622_12 Datasheet
1Mb / 63P
Integrated Quad Half-bridge, Triple High Side amd EC Glass Driver with Embedded MCU and LIN for High End Mirror
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com