Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5518BUR Datasheet (PDF) - Microsemi Corporation

1N5518BUR Datasheet PDF - Microsemi Corporation
Part # 1N5518BUR
Download  1N5518BUR Download
File Size   113.21 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW

1N5518BUR Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5518BUR Datasheet PDF - Microsemi Corporation

Part # 1N5518BUR
Download  1N5518BUR Click to download

File Size   113.21 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description LEADLESS PACKAGE FOR SURFACE MOUNT ZENER DIODE, 500mW

1N5518BUR Datasheet (HTML) - Microsemi Corporation


1N5518BUR Product details

• 1N5518BUR-1 THRU 1N5546BUR-1 AVAILABLE IN JAN, JANTX AND JANTXV PER MIL-PRF-19500/437
• ZENER DIODE, 500mW
• LEADLESS PACKAGE FOR SURFACE MOUNT
• LOW REVERSE LEAKAGE CHARACTERISTICS
• METALLURGICALLY BONDED




Similar Part No. - 1N5518BUR

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5518BUR MICROSEMI-1N5518BUR Datasheet
333Kb / 3P
Low Voltage Surface Mount 500 mW Avalanche Diodes
1N5518BUR-1 MICROSEMI-1N5518BUR-1 Datasheet
111Kb / 2P
ZENER DIODE, 500mW
1N5518BUR-1 MICROSEMI-1N5518BUR-1 Datasheet
123Kb / 2P
ZENER DIODE, 500mW
1N5518BUR MICROSEMI-1N5518BUR_08 Datasheet
123Kb / 2P
ZENER DIODE, 500mW
More results


Similar Description - 1N5518BUR

ManufacturerPart #DatasheetDescription
logo
Rohm
RLZTE-1118C ROHM-RLZTE-1118C Datasheet
820Kb / 4P
500mW Zener Leadless Diode
RLZTE-1122B ROHM-RLZTE-1122B Datasheet
820Kb / 4P
500mW Zener Leadless Diode
RLZTE-1136B ROHM-RLZTE-1136B Datasheet
820Kb / 4P
500mW Zener LeadLess Diode
RLZTE-1110B ROHM-RLZTE-1110B Datasheet
820Kb / 4P
500MW Zener Leadless Diode
RLZTE-1120B ROHM-RLZTE-1120B Datasheet
820Kb / 4P
500mW Zener Leadless Diode
RLZTE-1122D ROHM-RLZTE-1122D Datasheet
820Kb / 4P
500mW Zener Leadless Diode RLZ Series
RLZTE-1115A ROHM-RLZTE-1115A Datasheet
820Kb / 4P
500mW Zener Leadless Diode
RLZTE-1113B ROHM-RLZTE-1113B Datasheet
820Kb / 4P
500mW Zener Leadless Diode
RLZTE-1127D ROHM-RLZTE-1127D Datasheet
820Kb / 4P
500mW Zener Leadless Diode
RLZTE-1113A ROHM-RLZTE-1113A Datasheet
820Kb / 4P
500mW Zener Leadless Diode
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com